Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 45 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x11B TEST_MODE_
CONFIG
X
X
X
X
X
Test mode selection:
000 = disable test modes (default),
001=enabledigital sine testmode,
010 = reserved
011=enablechannelIDtestmode
(16-bit data = digital ramp (7 bits) +
reserved bit (0) + Channel ID
(3 bits) +
chip address (5 bits),
100 = enable analog test tone,
101 = reserved,
110 = reserved,
111 = reserved
0x00
Enables digital test modes
(global).
0x11C RESERVED_11C
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11D RESERVED_11D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11E RESERVED_11E
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11F RESERVED_11F
0
0
0
0
0
0
0
0
0x00
Reserved.
0x120 CW_TEST_TONE
0
CW I/Q
output swap:
0=disable
(default),
1=enable
LNA offset
cancel-
lation:
0 = enable
(default),
1= disable
LNA offset cancellation
transconductance:
00 = 0.5 mS (default),
01 = 1.0 mS,
10 = 1.5 mS,
11 = 2.0 mS
CW analog test tone
override for
Register 0x116
< Bits[1:0] >
00 = disable override
(default)
01 = set analog test
tone frequencyto fLO
1X = set analog test
tone frequency to dc
0
0x00
Sets the frequency of the
analog test tone to fLO in
CW Doppler mode;
enables I/Q output swap;
LNA offset cancellation
control (global).
0x180 RESERVED_180
1
0
0
0
0
1
1
1
0x87
Reserved.
0x181 RESERVED_181
0
0
0
0
0
0
0
0
0x00
Reserved.
0x182 PLL_STARTUP
PLL auto configure:
0 = disable (default),
1 = enable
0
0
0
0
0
1
0
0x02
PLL control (global).
0x183 RESERVED_183
0
0
0
0
0
1
1
1
0x07
Reserved.
0x184 RESERVED_184
0
0
0
0
0
0
0
0
0x00
Reserved.
0x186 RESERVED_186
1
0
1
0
1
1
1
0
0xAE
Reserved.
0x187 RESERVED_187
0
0
1
0
0
0
0
0
0x20
Reserved.
0x188 START_CODE_EN 0
0
0
0
0
0
0
Start code
identifier:
0= disable,
1 = enable
(default)
0x01
Enables start code
identifier (global).
0x189 RESERVED_189
0
0
0
0
0
0
0
0
0x00
Reserved.
0x18A RESERVED_18A
0
0
0
0
0
0
0
0
0x00
Reserved.
0x18B START_CODE_MSB B15
B14
B13
B12
B11
B10
B9
B8
0x27
Start code MSB (global).
0x18C START_CODE_LSB B7
B6
B5
B4
B3
B2
B1
B0
0x72
Start code LSB (global).
0x190 RESERVED_190
0
0
0
1
0
0
0
0
0x10
Reserved.
0x191 RESERVED_191
0
0
0
0
0
0
0
0
0x00
Reserved.
0x192 RESERVED_192
0
0
0
1
1
0
0
0
0x18
Reserved.
0x193 RESERVED_193
0
0
0
0
0
0
0
0
0x00
Reserved.
0x194 RESERVED_194
0
0
0
1
1
1
0
0
0x1C
Reserved.
0x195 RESERVED_195
0
0
0
0
0
0
0
0
0x00
Reserved.
0x196 RESERVED_196
0
0
0
1
1
0
0
0
0x18
Reserved.
0x197 RESERVED_197
0
0
0
0
0
0
0
0
0x00
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com