Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 12Page - Analog Devices AD9670EBZ Datasheet HTML 13Page - Analog Devices AD9670EBZ Datasheet HTML 14Page - Analog Devices AD9670EBZ Datasheet HTML 15Page - Analog Devices AD9670EBZ Datasheet HTML 16Page - Analog Devices AD9670EBZ Datasheet HTML 17Page - Analog Devices AD9670EBZ Datasheet HTML 18Page - Analog Devices AD9670EBZ Datasheet HTML 19Page - Analog Devices AD9670EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 15 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
TGC MODE
Mode I = fSAMPLE = 40 MSPS, fIN = 5 MHz, LO band mode, RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.6 dB, LNA bias = midhigh,
PGA gain = 27 dB, VGAIN = (GAIN+) − (GAIN−) = 1.6 V, AAF LPF cutoff = fSAMPLE/3, HPF cutoff = LPF cutoff/12 (default), RF decimator
bypassed, and digital HPF bypassed, unless otherwise noted.
2.0
–2.0
–1.6
1.6
VGAIN (V)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
0°C
85°C
25°C
Figure 9. Gain Error vs. VGAIN
25
20
15
10
5
0
GAIN ERROR (dB)
Figure 10. Gain Error Histogram, VGAIN = −1.28 V
35
30
25
20
15
10
5
0
GAIN ERROR (dB)
Figure 11. Gain Error Histogram, VGAIN = 0 V
25
20
15
10
5
0
GAIN ERROR (dB)
Figure 12. Gain Error Histogram, VGAIN = 1.28 V
20
15
10
5
0
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
Figure 13. Gain Matching Histogram, VGAIN = −1.2 V
20
15
10
5
0
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
Figure 14. Gain Matching Histogram, VGAIN = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com