Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 17Page - Analog Devices AD9670EBZ Datasheet HTML 18Page - Analog Devices AD9670EBZ Datasheet HTML 19Page - Analog Devices AD9670EBZ Datasheet HTML 20Page - Analog Devices AD9670EBZ Datasheet HTML 21Page - Analog Devices AD9670EBZ Datasheet HTML 22Page - Analog Devices AD9670EBZ Datasheet HTML 23Page - Analog Devices AD9670EBZ Datasheet HTML 24Page - Analog Devices AD9670EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 20 of 47
THEORY OF OPERATION
POST
AMP
LNA
GAIN–
GAIN+
SERIAL
LVDS
FILTER
DEC
FILTER
ATTENUATOR
–45dB TO 0dB
14-BIT
ADC
LOSW-x
LO-x
LI-x
LG-x
RESET+
MLO+
MLO–
RFB2
LO
GENERATION
15.6dB,
17.9dB,
21.6dB
21dB,
24dB,
27dB,
30dB
CWI+
CWI–
CWQ+
CWQ–
DOUTx+
DOUTx–
RESET–
RFB1
CLG
CSH
TRANSDUCER
CS
T/R
SWITCH
GAIN
INTERPOLATOR
gm
Figure 33. Simplified Block Diagram of a Single Channel
Each channel of the AD9674 contains both a TGC signal path and
a CW Doppler signal path. Common to both signal paths, the
LNA provides four user adjustable input impedance termination
options for matching different probe impedances. The CW
Doppler path includes an I/Q demodulator with the programmable
phase rotation needed for analog beamforming. The TGC path
includes a differential X-AMP® VGA, an antialiasing filter, an ADC,
and a digital HPF and RF decimator. Figure 33 shows a simplified
block diagram with the external components.
TGC OPERATION
The system gain is distributed as listed in Table 7.
Table 7. Channel Analog Gain Distribution
Section
Nominal Gain (dB)
LNA
15.6/17.9/21.6 (LNAGAIN)1
Attenuator
−45 to 0 (VGAATT)
VGA Amplifier
21/24/27/30 (PGAGAIN)1
Filter
0
ADC
0
1
The slashes represent the LNA and PGA gain settings that can change using
SPI registers.
Each LNA output is dc-coupled to a VGA input. The VGA consists
of an attenuator with a −45 dB to 0 dB range followed by an
amplifier with 21 dB, 24 dB, 27 dB, or 30 dB of gain. The X-AMP
gain interpolation technique results in low gain error and uniform
bandwidth; differential signal paths minimize distortion.
The linear in dB gain (law conformance) range of the TGC path is
45 dB. The slope of the gain control interface is 14 dB/V, and the
gain control range is −1.6 V to +1.6 V. Equation 1 is the expression
for the differential voltage, VGAIN, at the gain control interface.
Equation 2 is the expression for the VGA attenuation, VGAATT,
as a function of VGAIN.
VGAIN (V) = (GAIN+) − (GAIN−)
(1)
VGAATT (dB) = −14 (dB/V) × (1.6 − VGAIN)
(2)
The total channel gain can then be calculated as shown in
Equation 3.
Channel Gain (dB) = LNAGAIN + VGAATT + PGAGAIN
(3)
In its default condition, the LNA has a gain of 21.6 dB (12×),
and the VGA postamplifier gain is 24 dB. If the voltage on the
GAIN+ pin is 0 V and the voltage on the GAIN− pin is 1.6 V
(45.1 dB attenuation), the total gain of the channel is 0.5 dB if
the LNA input is unmatched. The channel gain is −5.5 dB if the
LNA is matched to 50 Ω (RFB = 300 Ω). However, if the voltage on
the GAIN+ pin is 1.6 V and the voltage on the GAIN− pin is 0 V
(0 dB attenuation), VGAATT is 0 dB. This results in a total gain of
45.3 dB through the TGC path if the LNA input is unmatched, or
in a total gain of 39.3 dB, if the LNA input is matched. Similarly,
if the LNA input is unmatched and has a gain of 21.6 dB (12×),
and the VGA postamplifier gain is 30 dB, the channel gain is
approximately 52 dB with 0 dB VGAATT.
In addition to the analog VGA attenuation described in Equation 2,
the attenuation level can be digitally controlled in 3.5 dB increments.
Equation 3 is still valid, and the value of VGAATT is equal to the
attenuation level set in Address 0x011, Bits[7:4].
Low Noise Amplifier (LNA)
Good system sensitivity relies on a proprietary ultralow noise LNA
at the beginning of the signal chain, which minimizes the noise
contribution in the following VGA. Active impedance control
optimizes noise performance for applications that benefit from
input impedance matching.
The LNA input, LI-x, is capacitively coupled to the source. An
on-chip bias generator establishes dc input bias voltages of
approximately 2.2 V and centers the output common-mode
levels at 1.5 V (AVDD2 divided by 2). A capacitor, CLG, of the
same value as the input coupling capacitor, CS, is connected
from LG-x to ground.
The LNA supports three gain settings, 21.6 dB, 17.9 dB, or 15.6 dB,
set through the SPI. Overload protection ensures quick recovery
time from large input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com