Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 26Page - Analog Devices AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices AD9670EBZ Datasheet HTML 30Page - Analog Devices AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices AD9670EBZ Datasheet HTML 33Page - Analog Devices AD9670EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 29 of 47
400
–200
200
300
–100
100
–400
–300
0
–1.5ns
–0.5ns
–1.0ns
0ns
0.5ns
1.0ns
1.5ns
EYE: ALL BITS
ULS: 11197/11197
Figure 45. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Less Than 24 Inches on Standard FR-4
70
0
10
20
30
40
50
60
–150ps
–100ps
–50ps
0ps
100ps
50ps
150ps
Figure 46. TIE Jitter Histogram for LVDS Outputs in ANSI-644 Mode with
Trace Lengths of Less Than 24 Inches on Standard FR-4
400
–200
–300
200
300
–100
100
–400
0
–1.5ns
–0.5ns
–1.0ns
0ns
0.5ns
1.0ns
1.5ns
ULS: 11199/11199
EYE: ALL BITS
Figure 47. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Greater Than 24 Inches on Standard FR-4
80
70
0
10
20
30
40
50
60
–300ps
–200ps
–100ps
0ps
200ps
100ps
300ps
Figure 48. TIE Jitter Histogram for LVDS Outputs in ANSI-644 Mode with
Trace Lengths of Greater Than 24 Inches on Standard FR-4
Additional SPI options let the user further increase the internal
current of all eight outputs to drive longer trace lengths. Even
though this produces sharper rise and fall times on the data edges,
increasing the internal current is less prone to bit errors and
improves frequency distribution. The power dissipation of the
DRVDD supply increases when this option is used.
In applications that require increased drive current, Address 0x015
allows the user to adjust the drivers from 2 mA to 3.72 mA. Note
that this feature requires Bit 3 of Address 0x015 to be set to 1. The
drive current can be adjusted for both ANSI-644 and IEEE 1596.3
(low power) mode. See Table 25 for more details.
The format of the output data is twos complement by default.
Table 14 provides an example of the output coding format. To
change the output data format to twos complement, see the
Memory Map section.
Table 14. Digital Output Coding with RF Decimator Bypassed,
Digital HPF Bypassed
Code
(VIN+) − (VIN−),
Input Span = 2 V p-p (V)
Digital Output Mode: Twos
Complement (D13 to D0)
16384
+1.00
01 1111 1111 1111
8192
0.00
00 0000 0000 0000
8191
−0.000488
11 1111 1111 1111
0
−1.00
10 0000 0000 0000
Digital data from each channel is serialized based on the number
of lanes that are enabled (see Table 25). The maximum data rate
for each serial output lane is 1 Gbps. For one channel per lane with
a 14-bit data stream and ADC sample clock of 70 MHz, the output
data rate is 980 Mbps (14 bits × 70 MHz = 980 Mbps) with the
RF decimator bypassed, and digital HPF bypassed. For higher
sample rates, enabling the RF decimator is required.
Two output clocks are provided to assist in capturing data from
the AD9674. The digital clock outputs (DCO±) are used to clock
the output data and are equal to seven times the sampling clock
rate in 14-bit mode with the RF decimator bypassed and digital
HPF bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com