Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 5Page - Analog Devices AD9670EBZ Datasheet HTML 6Page - Analog Devices AD9670EBZ Datasheet HTML 7Page - Analog Devices AD9670EBZ Datasheet HTML 8Page - Analog Devices AD9670EBZ Datasheet HTML 9Page - Analog Devices AD9670EBZ Datasheet HTML 10Page - Analog Devices AD9670EBZ Datasheet HTML 11Page - Analog Devices AD9670EBZ Datasheet HTML 12Page - Analog Devices AD9670EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 8 of 47
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, full temperature range (0°C to 85°C), RF decimator bypassed, and
digital HPF bypassed, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK2
Clock Rate
40 MSPS (Mode I)
Full
20.5
40
MHz
65 MSPS (Mode II)
Full
20.5
65
MHz
80 MSPS (Mode III)3
Full
20.5
80
MHz
125 MSPS (Mode IV)4
Full
20.5
125
MHz
Clock Pulse Width High (tEH)
Full
3.75
ns
Clock Pulse Width Low (tEL)
Full
3.75
ns
OUTPUT PARAMETERS2, 5
Propagation Delay (tPD)
Full
10.8 − 1.5 × tDCO
10.8
10.8 + 1.5 × tDCO
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
DCO± Period (tDCO)6
Full
tSAMPLE/7
ns
FCO± Propagation Delay (tFCO)
Full
10.8 − 1.5 × tDCO
10.8
10.8 + 1.5 × tDCO
ns
DCO± Propagation Delay (tCPD)7
Full
tFCO + (tSAMPLE/28)
ns
DCO± to Data Delay (tDATA)7
Full
(tSAMPLE/28) − 300
tSAMPLE/28
(tSAMPLE/28) + 300
ps
DCO± to FCO± Delay (tFRAME)7
Full
(tSAMPLE/28) − 300
tSAMPLE/28
(tSAMPLE/28) + 300
ps
Data to Data Skew (tDATA-MAX − tDATA-MIN)
Full
±225
±400
ps
TX_TRIG± to CLK± Setup Time (tSETUP)
25°C
1
ns
TX_TRIG± to CLK± Hold Time (tHOLD)
25°C
1
ns
Wake-Up Time (Standby)
25°C
2
µs
Wake-Up Time (Power-Down)
25°C
375
µs
ADC Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Uncertainty (Jitter), tA
25°C
<1
ps rms
LO GENERATION
MLO± Frequency
4LO Mode
Full
4
40
MHz
8LO Mode
Full
8
80
MHz
16LO Mode
Full
16
160
MHz
RESET± to MLO± Setup Time (tSETUP)
Full
1
tMLO/2
ns
RESET± to MLO± Hold Time (tHOLD)
Full
1
tMLO/2
ns
1
For a complete set of definitions and information about how these tests were completed, see the AN-835 Application Note, UnderstandingHigh SpeedADCTestingandEvaluation.
2
The clock can be adjusted via the SPI.
3
Mode III must have the RF decimator enabled, unless DVDD runs at 1.8 V and 12-bit mode is configured.
4
Mode IV must have the RF decimator enabled.
5
Measurements were made using the device soldered to FR-4 material.
6
tSAMPLE/7 is based on the number of bits (14) divided by 2 because the interface uses DDR sampling.
7
tSAMPLE/28 is based on the number of bits (14) multiplied by 2 because the delays are based on half duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com