Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices AD9670EBZ Datasheet HTML 33Page - Analog Devices AD9670EBZ Datasheet HTML 34Page - Analog Devices AD9670EBZ Datasheet HTML 35Page - Analog Devices AD9670EBZ Datasheet HTML 36Page - Analog Devices AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 34 of 47
RF DECIMATOR
The input to the RF decimator is either the ADC output data or
a test waveform, as described in the Digital Test Waveforms section.
The test waveforms are enabled per channel using Address 0x11A
(see Table 25).
DC Offset Calibration
DC offset can be reduced through a manual system calibration
process. The dc offset of every channel in the system is measured,
followed by setting a calibration value in Address 0x110 and
Address 0x111. Note that these registers are both chip and local
addresses, meaning the registers are accessed using the chip address
and device index. The dc offset calibration can be bypassed
using Address 0x10F, Bits[2:0].
Multiband AAF and Decimate by 2
The multiband filter is a finite impulse response (FIR) filter. It is
programmable with low or high band filtering. The filter requires
11 input samples to populate the filter. The decimation rate is fixed
at 2×. Therefore, the decimation frequency is fDEC = fSAMPLE/2.
Figure 50 and Figure 51 show the frequency response of the filter,
depending on this mode. Figure 50 shows the attenuation amp-
litude over the Nyquist frequency range. Figure 51 shows the
pass band response as nearly flat.
10
–60
0
20
FREQUENCY (MHz)
–50
–40
–30
–20
–10
0
2
4
6
8
10
12
14
16
18
LOW BAND FILTER
HIGH BAND FILTER
Figure 50. AAF Frequency Response
(Frequency Scale Assumes fADC = 2 × fDEC = 40 MHz)
2
–8
0
20
FREQUENCY (MHz)
2
4
6
8
10
12
14
16
18
LOW BAND FILTER
HIGH BAND FILTER
–7
–6
–5
–4
–3
–2
–1
0
1
Figure 51. AAF Frequency Response Zoomed In
(Frequency Scale Assumes fADC = 2 × fDEC = 40 MHz)
High-Pass Filter
A second-order Butterworth, high-pass, infinite impulse response
(IIR) filter can be applied after the RF decimator. The IIR filter
has a settling time of 2.5 µs and a cutoff frequency of 700 kHz
for an encode clock of 50 MHz. Therefore, if the ADC clock is
50 MHz, the first 125 samples (2.5 µs/0.02 µs) must be ignored.
The filter can be bypassed or enabled in the vector profile if the
filter is enabled using Address 0x113, Bit 5. If the filter is
bypassed by setting Address 0x113, Bit 5, to 1, the filter cannot
be enabled from the vector profile.
DIGITAL TEST WAVEFORMS
Digital test waveforms can be used in the digital processing block
instead of the ADC output. To enable digital test waveforms,
use Address 0x11B. Each channel can be individually enabled in
Address 0x11A.
Waveform Generator
For testing and debugging, a programmable waveform generator
can be used in place of ADC data. The waveform generator can
vary offset, amplitude, and frequency. The generator uses the ADC
sample frequency, fSAMPLE, and ADC full-scale amplitude, AFULL-SCALE,
as references. The values are set in Address 0x117, Address 0x118,
and Address 0x119 (see Table 25).
x = C + A × sin(2 × π × N)
(8)
64
n
f
N
SAMPLE ×
=
, see Address 0x117
(9)
x
SCALE
FULL
A
A
2
−
=
, see Address 0x118
(10)
C = AFULL-SCALE × a × 2−(13− b), see Address 0x119
(11)
Channel ID and Ramp Generator
In Channel ID test mode, the output is a concatenated value.
Bits[6:0] are a ramp. Bit 7 is reserved as 0. Bits[10:8] are the
channel ID such that Channel A is coded as 000 and Channel B
is 001. Bits[15:11] compose the chip address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com