Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 36Page - Analog Devices AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 39 of 47
Table 24. SPI Write Start-Up Sequence Example
1
Setting the profile index requires an additional SPI write in SPI MSB mode before the chip runs to complete the current profile buffer update.
2
Running the chip from full power-down mode requires 375 µs wake-up time, as listed in Table 3.
3
Software TX_TRIG switches the demodulator/decimator digital block to a running state. The software TX_TRIG signal may not be needed if a hardware TX_TRIG signal
is used to run the digital block.
4
Tuning the filters requires 512 ADC clock cycles.
Address
Value
Description
0x000
0x3C
Initiates SPI reset
0x002
0x0X (default)
Sets speed mode to 40 MHz
0x0FF
0x01
Enables speed mode change (required after Register 0x002 writes)
0x004
0x0F
Sets local registers to all channels
0x005
0x3F
Sets local registers to all channels
0x113
0x00
Bypasses RF decimator; enable digital HPF
0x011
0x06 (default)
Sets LNA gain = 21.6 dB, VGA gain = external, and PGA gain = 24 dB
0xF00
0xFF
Continuous run mode enabled; do not power down channels (POWER_STOP LSB)
0xF01
0x7F
Continuous run mode enabled; do not power down channels (POWER_STOP MSB)
0xF02
0x00
Powers up all channels 0 clock cycles after TX_TRIG± (POWER_STOP LSB)
0xF03
0x80
Digital high-pass bypassed (POWER_STOP MSB)
0x10C1
0x00 (default)
Sets the profile index (required after profile memory writes)
0x014
0x00
Sets output data format
0x008
0x00
TGC run mode2
0x021
0x05
14 bits, 8 lanes, frame clock output (FCO) covers entire frame
0x199
0x80
Enables automatic clocks per sample calculation
0x19B
0x50
Serial format
0x188
0x01
Enables start code
0x18B
0x27
Sets start code MSB
0x18C
0x72
Sets start code LSB
0x182
0x82
Autoconfigures PLL
0x10C3
0x20
Sets SPI TX_TRIG and profile index
0x00F
0x18 (default)
Sets low-pass filter cutoff frequency and bandwidth mode
0x02B
0x40
Sets analog LPF and HPF to defaults, tune filters4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com