Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 21Page - Analog Devices AD9670EBZ Datasheet HTML 22Page - Analog Devices AD9670EBZ Datasheet HTML 23Page - Analog Devices AD9670EBZ Datasheet HTML 24Page - Analog Devices AD9670EBZ Datasheet HTML 25Page - Analog Devices AD9670EBZ Datasheet HTML 26Page - Analog Devices AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 24 of 47
Antialiasing Filter (AAF)
The filter that the signal reaches prior to the ADC is used to
reject dc signals and to band limit the signal for antialiasing.
The antialiasing filter is a combination of a single-pole high-pass
filter and a second-order low-pass filter. The high-pass filter
can be configured as a ratio of the low-pass filter cutoff
frequency. This is selectable using Address 0x02B, Bits[1:0].
The filter uses on-chip tuning to trim the capacitors and set the
desired low-pass cutoff frequency and reduce variations. The
default −3 dB low-pass filter cutoff is 1/3, 1/4.5, or 1/6 of the ADC
sample clock rate. The cutoff can be scaled to 0.75, 0.8, 0.9, 1.0,
1.13, 1.25, or 1.45 times this frequency using Address 0x00F. The
cutoff tolerance (±10%) is maintained from 8 MHz to 18 MHz
for low band mode or 13.5 MHz to 30 MHz for high band mode.
Table 11 and Table 12 calculate the valid SPI-selectable low-pass
filter settings and the expected cutoff frequencies for low band
mode and high band mode at the minimum and the maximum
sample frequency in each speed mode.
Table 11. SPI-Selectable Low-Pass Filter Cutoff Options for Low Band Mode at Example Sampling Frequencies
Address
0x00F[7:3]
LPF Cutoff
Frequency (MHz)
Sampling Frequency (MHz)
20.5
40
65
80
125
0 0000
1.45 × (1/3) × fSAMPLE
9.91
Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
0 0001
1.25 × (1/3) × fSAMPLE
8.54
16.67
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
0 0010
1.13 × (1/3) × fSAMPLE
Out of tunable
filter range
15.00
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
0 0011
1.0 × (1/3) × fSAMPLE
Out of tunable
filter range
13.33
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
0 0100
0.9 × (1/3) × fSAMPLE
Out of tunable
filter range
12.00
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
0 0101
0.8 × (1/3) × fSAMPLE
Out of tunable
filter range
10.67
17.33
Out of tunable filter
range
Out of tunable filter
range
0 0110
0.75 × (1/3) × fSAMPLE
Out of tunable
filter range
10.00
16.25
16.82
Out of tunable filter
range
0 1000
1.45 × (1/4.5) × fSAMPLE
Out of tunable
filter range
12.89
20.94
Out of tunable filter
range
Out of tunable filter
range
0 1001
1.25 × (1/4.5) × fSAMPLE
Out of tunable
filter range
11.11
18.06
Out of tunable filter
range
Out of tunable filter
range
0 1010
1.13 × (1/4.5) × fSAMPLE
Out of tunable
filter range
10.00
16.25
Out of tunable filter
range
Out of tunable filter
range
0 1011
1.0 × (1/4.5) × fSAMPLE
Out of tunable
filter range
8.89
14.44
17.78
Out of tunable filter
range
0 1100
0.9 × (1/4.5) × fSAMPLE
Out of tunable
filter range
8.00
13.00
16.00
Out of tunable filter
range
0 1101
0.8 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
11.56
14.22
Out of tunable filter
range
0 1110
0.75 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
10.83
13.33
17.50
1 0000
1.45 × (1/6) × fSAMPLE
Out of tunable
filter range
9.67
15.71
Out of tunable filter
range
Out of tunable filter
range
1 0001
1.25 × (1/6) × fSAMPLE
Out of tunable
filter range
8.33
13.54
16.67
Out of tunable filter
range
1 0010
1.13 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
12.19
15.00
Out of tunable filter
range
1 0011
1.0 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
10.83
13.33
Out of tunable filter
range
1 0100
0.9 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
9.75
12.00
Out of tunable filter
range
1 0101
0.8 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
8.67
10.67
16.67
1 0110
0.75 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
8.13
10.00
15.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com