Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 25Page - Analog Devices AD9670EBZ Datasheet HTML 26Page - Analog Devices AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices AD9670EBZ Datasheet HTML 30Page - Analog Devices AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices AD9670EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 28 of 47
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, phase-locked loop
(PLL), and biasing networks. The decoupling capacitors on VREF
are discharged when entering power-down mode and must be
recharged when returning to normal operation. As a result, the
wake-up time is related to the time spent in power-down mode:
shorter cycles result in proportionally shorter wake-up times. To
restore the device to full operation, approximately 375 µs is
required when using the recommended 1 µF and 0.1 µF dec-
oupling capacitors on the VREF pin and the 0.01 µF decoupling
capacitors on the GAIN± pins. Most of this time is dependent on
gain decoupling; higher value decoupling capacitors on the
GAIN± pins result in longer wake-up times.
Other power-down options are available when using the SPI port
interface. The user can individually power down each channel or
place the entire device into standby mode. When fast wake-up
times are required, standby mode allows the user to keep the
internal PLL powered up. The wake-up time is slightly dependent
on gain. To achieve a 2 µs wake-up time when the device is in
standby mode, apply 0.8 V to the GAIN± pins.
Power and Ground Connection Recommendations
When connecting power to the AD9674, use two separate 1.8 V
supplies: one for analog (AVDD1) and one for digital (DRVDD).
When only one 1.8 V supply is available, route it to the AVDD1
pin first, tap it off, and isolate it with a ferrite bead or a filter
choke preceded by decoupling capacitors for the DRVDD pin.
The DVDD pin can be tied to the 1.8 V DRVDD supply. When
this is done, route the DVDD supply first, tap it off, and isolate it
with a ferrite bead or filter choke preceded by decoupling
capacitors for the DRVDD pin. It is not recommended to use the
same supply for AVDD1, DVDD, and DRVDD to avoid noise
issues. For compatibility with the AD9674 or for lower power
operation, the DVDD pin can be tied to 1.4 V.
To cover both high and low frequencies, use several decoupling
capacitors on all supplies. Locate these capacitors close to the
point of entry at the PCB level and close to the device, with
minimal trace lengths.
When using the AD9674, a single PCB ground plane is sufficient.
With proper decoupling and smart partitioning of the analog,
digital, and clock sections of the PCB, optimum performance is
easily achievable.
Advanced Power Control
For an ultrasound system, not all channels are needed during all
scanning periods. The POWER_START and POWER_STOP
values in the vector profile can be used to delay the channel
startup and turn the channel off after a certain number of samples.
These counters are relative to TX_TRIG±. The analog circuitry
must power up before the digital circuitry. The analog circuitry
must power up (POWER_SETUP) before POWER_START is
set up in Register 0x112 (see Table 25).
TX_TRIG±
POWER_STOP
(PROFILE SPECIFIC)
POWER_START
(PROFILE SPECIFIC)
POWER_SETUP
(SPI SET)
DIGITAL
POWER
ANALOG
POWER
Figure 44. Power Sequencing
Digital Outputs and Timing
The AD9674 differential outputs conform to the ANSI-644
LVDS standard on default power-up. This setting can be
changed to a low power, reduced signal option similar to the
IEEE 1596.3 standard via the SPI using Address 0x015, Bit 7.
This LVDS standard can further reduce the overall power
dissipation of the device by approximately 36 mW.
The LVDS driver current is derived on chip and sets the output
current at each output equal to a nominal 3.5 mA. A 100 Ω
differential termination resistor placed at the LVDS receiver
inputs results in a nominal 350 mV swing at the receiver.
The AD9674 LVDS outputs facilitate interfacing with LVDS
receivers in custom ASICs and FPGAs that have LVDS capability
for superior switching performance in noisy environments. Single
point to point network topologies are recommended with a 100 Ω
termination resistor placed as close to the receiver as possible.
No far-end receiver termination and poor differential trace routing
may result in timing errors. The trace length must be no longer
than 24 inches; keep the differential output traces close together
and at equal lengths.
Figure 45 and Figure 46 show an example of the LVDS output
using the ANSI-644 standard (default) data eye and a time interval
error (TIE) jitter histogram with trace lengths of less than 24 inches
on standard FR-4 material. Figure 47 and Figure 48 show an
example of the trace lengths exceeding 24 inches on standard
FR-4 material. Notice that the TIE jitter histogram reflects the
decrease of the data eye opening as the edge deviates from the
ideal position. Therefore, the user must determine whether the
waveforms meet the timing budget of the design when the trace
lengths exceed 24 inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com