Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 46 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x198 CLOCK_DOUBLING 0
0
0
0
DCO frequency doubling/divider:
0000 = 1 (default),
0001 = 2,
0010 = 4,
0011 = 8,
0100 = 16,
0101 = 32,
0110 = 64,
0111 = 128,
1000 = 1/256,
1001 = 1/128,
1010 = 1/64,
1011 = 1/32,
1100 = 1/16,
1101 = 1/8,
1110 = 1/4,
1111 = 1/2
0x00
DCO frequency control
(global).
0x199 SAMPLE_CLOCK_
COUNTER
Enables clocks per
sample auto
calculation:
0 = off (default),
1 = on
0
0
0
0
0
0
0
0x00
Enables FCO function
(global).
0x19A DATA_OUTPUT_
INVERT
X
X
X
X
X
X
X
Inverts data
output:
0 =
noninverted
(default),
1 = inverted
0x00
Inverts DOUT signal
outputs (global).
0x19B SERIAL_FORMAT
X
Enables FCO
for start code
sample:
0=disable,
1=enable
(default)
Enables
FCO for
extra
sample at
end of
burst:
0=disable,
1 = enable
(default)
EnablesFCO
continuously:
0 = only
during
burst, 1 =
continuous
(default)
FCO signal rotate:
0000 = FCO signal aligned with DOUT signal,
0001 = FCO 1 bit before DOUT,
0010 = FCO 2 bits before DOUT,
…,
1101 = FCO 3 bits after DOUT,
1110 = FCO 2 bits after DOUT,
1111 = FCO 1 bit after DOUT
0x70
FCO signal controls
(global).
0x19C RESERVED_19C
0
0
0
1
0
0
0
0
0x10
Reserved.
0x19D RESERVED_19D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x19E RESERVED_19E
0
0
0
1
0
0
0
0
0x10
Reserved.
0x19F RESERVED_19F
0
0
0
0
0
0
0
0
0x00
Reserved.
0x1A0 RESERVED_1A0
0
0
0
0
0
0
0
0
0x00
Reserved.
0x1A1 RESERVED_1A1
0
0
0
0
0
0
0
0
0x00
Reserved.
ProfileMemoryRegisters
0xF00
to
0xFFF
Profile memory
32 × 64 bits
0x00
Vector profile memory
(global).
MEMORY MAP REGISTER DESCRIPTIONS
For more information about the SPI memory map and other
functions, consult the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Transfer (Register 0x0FF)
All registers except Register 0x002 update as soon as they are
written. Writing to Register 0x0FF (the value written is don’t
care) initializes and updates the speed mode (Address 0x002)
and resets all other registers to their default values (analog and
ADC registers only, and not JESD204B registers, Register 0x000
or Register 0x002).
Set the speed mode in Register 0x002 and write to Register 0x0FF
at the beginning of the setup of the SPI writes after the device is
powered up to avoid rewriting other registers after Register 0x0FF
is written.
Profile Index and Manual TX_TRIG (Register 0x10C)
The vector profile is selected using the profile index in
Register 0x10C, Bits[4:0]. The manual TX_TRIG control in Bit 5
generates a TX_TRIG signal internal to the device. This signal
is asynchronous to the ADC sample clock. Therefore, it cannot
be used to align the data output or initiate advanced power mode
across multiple devices in the system. The external pin driven
TX_TRIG± control is recommended for systems that require
synchronization of these features across multiple AD9674 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com