Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 40 of 47
Table 25. Memory Map Registers
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
ChipConfigurationRegisters
0x000 CHIP_PORT_
CONFIG
0
LSB first:
0 = off
(default),
1 = on
SPI reset:
0 = off
(default),
1 = on
1
1
SPI reset:
0 = off
(default),
1 = on
LSB first:
0 = off
(default),
1 = on
0
0x18
Mirror nibbles so LSB first
or MSB Mode I is set
correctly regardless of
shift mode. SPI reset
reverts all registers
(including LVDS registers),
except Register 0x000, to
their default values, and
Register 0x000, Bit 2 and
Bit 5 bits automatically
clear.
f0x001 CHIP_ID
Chip ID, Bits[7:0] (AD9674 = 0xA8), default
0xA8
Default is unique chip ID,
different for each device;
read only register.
0x002 CHIP_GRADE
X
X
Speed mode, Bits[5:4]
(identify device
variants of chip ID):
00 = Mode I
(40 MSPS) (default),
01 = Mode II (65 MSPS),
10 = Mode III (80 MSPS),
11 = Mode III (125 MSPS)
X
X
X
X
0x0X
Speed mode used to
differentiate ADC speed
power modes (must
update Register 0x0FF after
for the speed mode
changes to take effect).
0x0FF DEVICE_UPDATE
X
X
X
X
X
X
X
X
0x00
A write to Register 0x0FF
(value does not matter)
resets all default register
values (analog and ADC
registers only; not
JESD204B ones and not
Register 0x00 or
Register 0x02, Bits[5:4]) if
Register 0x02 has been
previously written since
the last reset/load of
defaults.
0x004 DEVICE_INDEX_2 X
X
X
X
Data
Channel H:
0 = off,
1 = on
(default)
Data
Channel G:
0 = off,
1 = on
(default)
Data
Channel F:
0 = off,
1 = on
(default)
Data
Channel E:
0 = off,
1 = on
(default)
0x0F
Bits are set to determine
which on-chip channel
receives the next write
command.
0x005 DEVICE_INDEX_1 X
X
Clock
Channel
DCO±:
0 = off,
1 = on
(default)
Clock
Channel
FCO±:
0 = off,
1 = on
(default)
Data
Channel D:
0 = off,
1 = on
(default)
Data
Channel C:
0 = off,
1 = on
(default)
Data
Channel B:
0 = off,
1 = on
(default)
Data
Channel A:
0 = off,
1 = on
(default)
0x3F
Bits are set to determine
which on-chip channel
receives the next write
command.
0x008 GLOBAL_MODES X
LNA input
impedance:
0 = 6 kΩ
(default),
1 = 3 kΩ
X
0
0
Internal power-down mode:
000 = chip run (TGC mode),
001 = full power-down (default),
010 = standby,
011 = reset all LVDS registers,
100 = CW Doppler mode
(TGC is powered down)
0x01
Determines generic
modes of chip operation
(global).
0x009 GLOBAL_CLOCK X
X
X
X
X
X
X
DCS:
0 = off,
1 = on
(default)
0x01
Turns the internal DCS on
and off (global).
0x00A PLL_STATUS
PLL lock status:
0 = not locked
(default),
1 = locked
X
X
X
X
X
X
X
0x00
Monitor PLL lock status
(read only, global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com