Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 35Page - Analog Devices AD9670EBZ Datasheet HTML 36Page - Analog Devices AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 38 of 47
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into two sections: the chip
configuration register map (Address 0x000 to Address 0x1A1)
and the profile register map (Address 0xF00 to Address 0xFFF).
Registers that are designated as local registers use the device
index in Address 0x004 and Address 0x005 to determine to
which channels of a device the command is applied. Registers
that are designated as chip registers use the chip address mode
in Address 0x115 to determine whether the device is to be
updated by writing to the chip register.
The address hex column of Table 25 indicates the register address.
The default value is shown in the default value column. The Bit 7
(MSB) column is the start of the default hexadecimal value given.
For example, Address 0x009, the global clock register, has a default
value of 0x01, meaning that Bit 7 = 0, Bit 6 = 0, Bit 5 = 0, Bit 4 = 0,
Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and Bit 0 = 1, or 0000 0001 in binary.
This setting is the default for the duty cycle stabilizer in the on
condition.
For more information about the SPI memory map and other
functions, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
RESERVED LOCATIONS
Do not write to undefined memory locations except when writing
the default values suggested in this data sheet. Addresses that have
values marked as 0 must be considered reserved and have a
0 written into their registers during power-up.
DEFAULT VALUES
After a reset, critical registers are automatically loaded with default
values. These values are indicated in Table 25, where an X refers
to an undefined feature.
LOGIC LEVELS
“Bit is set” is synonymous with “bit is set to Logic 1” or “writing
Logic 1 for the bit.” Similarly, “bit is cleared” is synonymous
with “bit is set to Logic 0” or “writing Logic 0 for the bit.”
RECOMMENDED START-UP SEQUENCE
To save system power during programming, the AD9674 powers
up in power-down mode. To start the device up and initialize
the data interface, the SPI commands listed in Table 24 are
recommended. At a minimum, the profile memory for an index of
0 must be written (Address 0xF00 to Address 0xF03). If additional
profiles and coefficient memory are required, these can be written
after Profile Memory 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com