Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 3Page - Analog Devices AD9670EBZ Datasheet HTML 4Page - Analog Devices AD9670EBZ Datasheet HTML 5Page - Analog Devices AD9670EBZ Datasheet HTML 6Page - Analog Devices AD9670EBZ Datasheet HTML 7Page - Analog Devices AD9670EBZ Datasheet HTML 8Page - Analog Devices AD9670EBZ Datasheet HTML 9Page - Analog Devices AD9670EBZ Datasheet HTML 10Page - Analog Devices AD9670EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 6 of 47
Parameter2
Test Conditions/Comments
Min
Typ
Max
Unit
Close In SNR
−3 dBFS input, fRF = 2.5 MHz,
fLO = 40 MHz, 1 kHz offset,
16LO5 mode, one channel enabled
156
dBc/√Hz
−3 dBFS input, fRF = 2.5 MHz,
fLO = 40 MHz, 1 kHz offset,
16LO5 mode, eight channels enabled
161
dBc/√Hz
Two-Tone Intermodulation Distortion
(IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz,
fLO = 80 MHz, ARF1 = −1 dBFS,
ARF2 = −21 dBFS, IMD3 relative to ARF2
−58
dBc
LO Harmonic Rejection
−20
dBc
Quadrature Phase Error
I to Q, all phases, 1 σ
0.15
Degrees
I/Q Amplitude Imbalance
I to Q, all phases, 1 σ
0.015
dB
Channel to Channel Matching
Phase I to I, Q to Q, 1 σ
0.5
Degrees
Amplitude I to I, Q to Q, 1 σ
0.25
dB
POWER SUPPLY
Mode I/Mode II/Mode III/Mode IV1, 3
AVDD1
1.7
1.8
1.9
V
AVDD2
2.85
3.0
3.6
V
DVDD
1.3
1.4
1.9
V
DRVDD
1.7
1.8
1.9
V
IAVDD1
TGC mode, LO band mode
144/188/224/2943
mA
CW Doppler mode
4
mA
IAVDD2
TGC mode, no signal, low band mode
230
mA
TGC mode, no signal, high band mode
239
mA
CW Doppler mode, eight channels
enabled
140
mA
IDVDD
RF decimator enabled in Mode III1 and
Mode IV,1 digital HPF enabled
47/75/57/913
mA
RF decimator enabled in Mode III1 and
Mode IV,1 digital HPF disabled
30/48/42/653
mA
IDRVDD
ANSI-644 mode
125/170/128/1693
mA
Low power (IEEE 1596.3 similar) mode
109/155/114/1543
mA
Total Power Dissipation (Including
Output Drivers)
TGC mode, no signal, RF decimator
enabled in Mode III and Mode IV,
digital HPF disabled
1190/1385/
1365/16003
1325/1535/
1515/17653
mW
TGC mode, no signal, RF decimator
enabled in Mode III1 and Mode IV, 1
digital HPF enabled
1215/1425/
1385/16403
1350/1575/
1535/18003
mW
CW Doppler mode, eight channels
enabled
500
mW
Power-Down Dissipation
30
mW
Standby Power Dissipation
630
mW
ADC
Resolution
14
Bits
SNR
fIN = 5 MHz
75
dB
ADC REFERENCE
Output Voltage Error
VREF = 1 V
±50
mV
Load Regulation at 1.0 mA
VREF = 1 V
2
mV
Input Resistance
7.5
kΩ
1
The ADC speed modes depending on the encoding clock rate.
2
For a complete set of definitions and information about how these tests were completed, see the AN-835 Application Note, UnderstandingHigh SpeedADCTestingandEvaluation.
3
The slashes mean that the four different power and current values are listed for the four different modes (Mode I, Mode II, Mode III, Mode IV).
4
The overrange condition is specified as 6 dB more than the full-scale input range.
5
The internal LO frequency, fLO, is generated from the supplied multiplier local oscillator frequency, fMLO, by dividing it up by a configurable divider value (M) that can be
4, 8, or 16; the MLO signal is named 4LO, 8LO, or 16LO, accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com