Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 36Page - Cypress Semiconductor MB91F467BA Datasheet HTML 37Page - Cypress Semiconductor MB91F467BA Datasheet HTML 38Page - Cypress Semiconductor MB91F467BA Datasheet HTML 39Page - Cypress Semiconductor MB91F467BA Datasheet HTML 40Page - Cypress Semiconductor MB91F467BA Datasheet HTML 41Page - Cypress Semiconductor MB91F467BA Datasheet HTML 42Page - Cypress Semiconductor MB91F467BA Datasheet HTML 43Page - Cypress Semiconductor MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 39 of 126
9. Embedded Program/Data Memory (Flash)
9.1
Flash features
■ MB91F467BA: 1088 Kbytes (16 × 64 Kbytes + 8 × 8 Kbytes = 8.5 Mbits)
■ MB91F466BA: 832 Kbytes (12 × 64 Kbytes + 8 × 8 Kbytes = 6.5 Mbits)
■ MB91F465BB: 544 Kbytes (8 × 64 Kbytes + 4 × 8 Kbytes = 4.25 Mbits)
■ MB91F464BB: 416 Kbytes (6 × 64 Kbytes + 4 × 8 Kbytes = 3.25 Mbits)
■ Programmable wait states for read/write access
■ Flash and Boot security with security vector at 0x0014:8000 - 0x0014:800F
■ Boot security
■ Basic specification: Same as MBM29LV400TC (except size and part of sector configuration)
9.2
Operation Modes
9.2.1
64-bit CPU mode (available on MB91F467BA/466BA only) :
■ CPU reads and executes programs in word (32-bit) length units.
■ Flash writing is not possible.
■ Actual Flash Memory access is performed in d-word (64-bit) length units.
9.2.2
32-bit CPU mode:
■ CPU reads and executes programs in word (32-bit) length units.
■ Actual Flash Memory access is performed in word (32-bit) length units.
9.2.3
16-bit CPU mode:
■ CPU reads and writes in half-word (16-bit) length units.
■ Program execution from the Flash is not possible.
■ Actual Flash Memory access is performed in word (16-bit) length units.
9.2.4
Flash Memory Mode (External Access to Flash Memory Enabled)
Note: The operation mode of the flash memory can be selected using a Boot-ROM function. The function start address is 0xBF60.
The parameter description is given in the Hardware Manual in chapter 54.6 "Flash Access Mode Switching".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com