Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 60Page - Cypress Semiconductor MB91F467BA Datasheet HTML 61Page - Cypress Semiconductor MB91F467BA Datasheet HTML 62Page - Cypress Semiconductor MB91F467BA Datasheet HTML 63Page - Cypress Semiconductor MB91F467BA Datasheet HTML 64Page - Cypress Semiconductor MB91F467BA Datasheet HTML 65Page - Cypress Semiconductor MB91F467BA Datasheet HTML 66Page - Cypress Semiconductor MB91F467BA Datasheet HTML 67Page - Cypress Semiconductor MB91F467BA Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 63 of 126
000300H
UDRC1 [W]
00000000
UDRC0 [W]
00000000
UDCR1 [R]
00000000
UDCR0 [R]
00000000
Up/Down Counter
0 to 1
000304H
UDCCH0 [R/W]
00000000
UDCCL0 [R/W]
00001000
Reserved
UDCS0 [R/W]
00000000
000308H
UDCCH1 [R/W]
00000000
UDCCL1 [R/W]
00001000
Reserved
UDCS1 [R/W]
00000000
00030CH to
00031CH
Reserved
Reserved
000320H
GCN13 [R/W]
00110010 00010000
Reserved
GCN23 [R/W]
- - - - 0000
PPG Control
12 to 15
000324H
to 00032CH
Reserved
Reserved
000330H
PTMR12 [R]
11111111 11111111
PCSR12 [W]
XXXXXXXX XXXXXXXX
PPG 12
000334H
PDUT12 [W]
XXXXXXXX XXXXXXXX
PCNH12 [R/W]
0000000 -
PCNL12 [R/W]
000000 - 0
000338H
PTMR13 [R]
11111111 11111111
PCSR13 [W]
XXXXXXXX XXXXXXXX
PPG 13
00033CH
PDUT13 [W]
XXXXXXXX XXXXXXXX
PCNH13 [R/W]
0000000 -
PCNL13 [R/W]
000000 - 0
000340H
PTMR14 [R]
11111111 11111111
PCSR14 [W]
XXXXXXXX XXXXXXXX
PPG 14
000344H
PDUT14 [W]
XXXXXXXX XXXXXXXX
PCNH14 [R/W]
0000000 -
PCNL14 [R/W]
000000 - 0
000348H
PTMR15 [R]
11111111 11111111
PCSR15 [W]
XXXXXXXX XXXXXXXX
PPG 15
00034CH
PDUT15 [W]
XXXXXXXX XXXXXXXX
PCNH15 [R/W]
0000000 -
PCNL15 [R/W]
000000 - 0
000350H to
00038CH
Reserved
Reserved
000390H
ROMS [R]
11111111 00000000 (MB91F467BA/466BA)
11111111 01000011 (MB91F465BB/464BB)
Reserved
ROM Select Register
000394H
to 0003ECH
Reserved
Reserved
0003F0H
BSD0
[W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Bit Search Module
0003F4H
BSD1 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
0003F8H
BSDC
[W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
0003FCH
BSRR [R]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
000400H
to 00043CH
Reserved
Address
Register
Block
+0
+1
+2
+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com