Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 98 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 98 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 94Page - Cypress Semiconductor MB91F467BA Datasheet HTML 95Page - Cypress Semiconductor MB91F467BA Datasheet HTML 96Page - Cypress Semiconductor MB91F467BA Datasheet HTML 97Page - Cypress Semiconductor MB91F467BA Datasheet HTML 98Page - Cypress Semiconductor MB91F467BA Datasheet HTML 99Page - Cypress Semiconductor MB91F467BA Datasheet HTML 100Page - Cypress Semiconductor MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 97 of 126
15. Electrical Characteristics
15.1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply slew rate

50
V/ms
Power supply voltage 1[1]
VDD5R
 0.3
 6.0
V
Power supply voltage 2[1]
VDD5
 0.3
 6.0
V
Relationship of the supply voltages
AVCC5
VDD5-0.3
VDD35-0.3
VDD5+0.3
VDD35+0.3
V
At least one pin of the Ports 26
to 29 (ANn) is used as digital
input or output.
VSS5-0.3
VDD35-0.3
VDD5+0.3
VDD35+0.3
V
All pins of the Ports 26 to 29
(ANn) follow the condition of VIA
Analog power supply voltage[1]
AVCC5
 0.3
 6.0
V
[2]
Analog reference
power supply voltage[1]
AVRH
 0.3
 6.0
V
[2]
Input voltage 1[1]
VI1
Vss5
 0.3
VDD5  0.3
V
Analog pin input voltage[1]
VIA
AVss5
 0.3
AVcc5
 0.3
V
Output voltage 1[1]
VO1
Vss5
 0.3
VDD5  0.3
V
Maximum clamp current
ICLAMP
 4.0
 4.0
mA
[3]
Total maximum clamp current
ICLAMP
20
mA
[3]
“L” level maximum output current[4]
IOL
10
mA
“L” level average output current[5]
IOLAV
8mA
“L” level total maximum output current
IOL
100
mA
“L” level total average output current[6]
IOLAV
50
mA
“H” level maximum output current[4]
IOH
 10
mA
“H” level average output current[5]
IOHAV
 4mA
“H” level total maximum output current
IOH
 100
mA
“H” level total average output current[6]
IOHAV
 25
mA
Permitted operating frequency
MB91F465BB/F464BB
fmax, CLKB
100
MHz
TA ≤ 105 °C
fmax, CLKP
50
fmax, CLKT
50
fmax, CLKCAN
50
Permitted operating frequency
MB91F465BB/F464BB
fmax, CLKB
96
MHz
TA ≤ 125 °C
fmax, CLKP
48
fmax, CLKT
48
fmax, CLKCAN
48
Permitted operating frequency
MB91F467BA/F466BA
fmax, CLKB
96
MHz
TA ≤ 105 °C
fmax, CLKP
48
fmax, CLKT
48
fmax, CLKCAN
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com