Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB91F467BA Datasheet HTML 1Page - Cypress Semiconductor MB91F467BA Datasheet HTML 2Page - Cypress Semiconductor MB91F467BA Datasheet HTML 3Page - Cypress Semiconductor MB91F467BA Datasheet HTML 4Page - Cypress Semiconductor MB91F467BA Datasheet HTML 5Page - Cypress Semiconductor MB91F467BA Datasheet HTML 6Page - Cypress Semiconductor MB91F467BA Datasheet HTML 7Page - Cypress Semiconductor MB91F467BA Datasheet HTML 8Page - Cypress Semiconductor MB91F467BA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 4 of 126
1. Product Lineup
Feature
MB91V460
MB91F465BB/464BB
MB91F467BA/466BA
Max. core frequency (CLKB)
80 MHz
100 MHz
96 MHz
Max. resource frequency (CLKP)
40 MHz
50 MHz
48 MHz
Max. external bus frequency
(CLKT)
40 MHz
50 MHz
48 MHz
Max. CAN frequency (CLKCAN)
20 MHz
50 MHz
48 MHz
Technology
0.35
m0.18m0.18m
Watchdog
yes
yes
yes
Watchdog (RC osc. based)
yes (disengageable)
yes
yes
Bit Search
yes
yes
yes
Reset input (INITX)
yes
yes
yes
Hardware standby input (HSTX)
yes
no
no
Clock Modulator
yes
yes
yes
Clock Monitor
yes
yes
yes
Low Power Mode
yes
yes
yes
DMA
5 ch
5 ch
5 ch
MMU/MPU
MPU (16 ch)[1]
MPU (8 ch)[1]
MPU (8 ch)[1]
Flash memory
Emulation SRAM 32bit read
data
MB91F465BB: 544 KByte
MB91F464BB: 416 KByte
MB91F467BA: 1088 KByte
MB91F466BA: 832 KByte
Satellite Flash memory
-
-
-
Flash Protection
-
yes
yes
D-RAM
64 KByte
24 KByte
24 KByte
ID-RAM
64 KByte
16 KByte
16 KByte
Flash-Cache (Instruction cache)
16 KByte
8 KByte
8 KByte
Boot-ROM / BI-ROM
4 KByte fixed
4 KByte
4 KByte
RTC
1 ch
1 ch
1 ch
Free Running Timer
8 ch
8 ch[2]
8 ch[2]
ICU
8 ch
MD_3=0: 8 ch
MD_3=1: 4 ch[3]
MD_3=0: 8 ch
MD_3=1: 4 ch[3]
OCU
8 ch
MD_3=0: 8 ch
MD_3=1: 4 ch[4]
MD_3=0: 8 ch
MD_3=1: 4 ch[4]
Reload Timer
8 ch
8 ch[5]
8 ch[5]
PPG 16-bit
16 ch
MD_3=0: 16 ch
MD_3=1: 8 ch[6]
MD_3=0: 16 ch
MD_3=1: 8 ch[6]
PFM 16-bit
1 ch
-
-
Sound Generator
1 ch
1 ch
1 ch
Up/Down Counter (8/16 bit)
4 ch (8-bit) / 2 ch (16-bit)
MD_3=0: 2 ch (8-bit) / 1 ch (16bit)
MD_3=1: NA[7]
MD_3=0: 2 ch (8-bit) / 1 ch (16bit)
MD_3=1: NA[7]
C_CAN
6 ch (128msg)
3 ch (32msg)
6 ch (32msg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com