Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 8Page - Cypress Semiconductor MB91F467BA Datasheet HTML 9Page - Cypress Semiconductor MB91F467BA Datasheet HTML 10Page - Cypress Semiconductor MB91F467BA Datasheet HTML 11Page - Cypress Semiconductor MB91F467BA Datasheet HTML 12Page - Cypress Semiconductor MB91F467BA Datasheet HTML 13Page - Cypress Semiconductor MB91F467BA Datasheet HTML 14Page - Cypress Semiconductor MB91F467BA Datasheet HTML 15Page - Cypress Semiconductor MB91F467BA Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 11 of 126
3. Pin Description
3.1
MB91F467BA/466BA AND MB91F465BB/464BB with MD_3=1
Pin no.
Pin name
I/O
I/O circuit
type[1]
Function
2, 3
P07_6, P07_7
I/O
B
General-purpose input/output port
A6, A7
Signal pins of external address bus (bit6 to bit7)
4 to 11
P06_0 to P06_7
I/O
B
General-purpose input/output port
A8 to A15
Signal pins of external address bus (bit8 to bit15)
12 to 17
P05_0 to P05_5
I/O
A
General-purpose input/output port
A16 to A21
Signal pins of external address bus (bit16 to bit21)
20 to 27
P01_0 to P01_7
I/O
A
General-purpose input/output port
D16 to D23
Signal pins of external data bus (bit16 to bit23)
28 to 35
P00_0 to P00_7
I/O
A
General-purpose input/output port
D24 to D31
Signal pins of external data bus (bit24 to bit31)
38
P10_0
I/O
A
General-purpose input/output port
SYSCLK
External bus clock output pin
39
P09_0
I/O
A
General-purpose input/output port
CSX0
Chip select output pins
40
P09_1
I/O
A
General-purpose input/output port
CSX1
Chip select output pins
41
P08_0
I/O
A
General-purpose input/output port
WRX0
External write strobe output pins
42
P08_4
I/O
A
General-purpose input/output port
RDX
External read strobe output pin
43
P08_7
I/O
A
General-purpose input/output port
RDY
External ready input pin
44
P08_1
Not on
MB91F467BA/MB91F466
BA
I/O
A
General-purpose input/output port
WRX1
External write strobe output pins
INT0
Not on
MB91F467BA/MB91F466
BA
External interrupt input, can only be used in general-purpose IO
port mode
45
P24_1
I/O
A
General-purpose input/output port
INT1
External interrupt input pins
46
P23_0
I/O
A
General-purpose input/output port
RX0
RX input pin of CAN0
INT8
External interrupt input pins
47
P23_1
I/O
A
General-purpose input/output port
TX0
TX output pin of CAN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com