Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 41Page - Cypress Semiconductor MB91F467BA Datasheet HTML 42Page - Cypress Semiconductor MB91F467BA Datasheet HTML 43Page - Cypress Semiconductor MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor MB91F467BA Datasheet HTML 45Page - Cypress Semiconductor MB91F467BA Datasheet HTML 46Page - Cypress Semiconductor MB91F467BA Datasheet HTML 47Page - Cypress Semiconductor MB91F467BA Datasheet HTML 48Page - Cypress Semiconductor MB91F467BA Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 44 of 126
9.3.2
Flash Access Timing Settings in CPU mode
The following tables list all settings for a given maximum Core Frequency (through the setting of CLKB or maximum clock
modulation) for Flash read and write access.
9.3.2.1 Flash Read Timing Settings (Synchronous Read)
9.3.2.2 Flash Write Timing Settings (Synchronous Write)
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 24 MHz
0
0
0
-
1
to 48 MHz
0
0
1
-
2
to 96 MHz
1
1
3
-
4
to 100 MHz
1
1
3
-
4
not available on
MB91F467BA/MB91F466BA
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 16 MHz
0
-
-
0
3
to 32 MHz
0
-
-
0
4
to 48 MHz
0
-
-
0
5
to 64 MHz
1
-
-
0
6
to 96 MHz
1
-
-
0
7
to 100 MHz
1
-
-
0
7
not available on
MB91F467BA/MB91F466BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com