Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 95Page - Cypress Semiconductor MB91F467BA Datasheet HTML 96Page - Cypress Semiconductor MB91F467BA Datasheet HTML 97Page - Cypress Semiconductor MB91F467BA Datasheet HTML 98Page - Cypress Semiconductor MB91F467BA Datasheet HTML 99Page - Cypress Semiconductor MB91F467BA Datasheet HTML 100Page - Cypress Semiconductor MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor MB91F467BA Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 98 of 126
1. The parameter is based on VSS5  AVSS5  0.0 V.
2. AVCC5 and AVRH5 must not exceed VDD5  0.3 V.
3.
■ Use within recommended operating conditions.
■ Use with DC voltage (current).
■ B signals are input signals that exceed the VDD5 voltage. B signals should always be applied by connecting a limiting resistor between the B
signal and the microcontroller.
■ The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed the rated value at any time, either
instantaneously or for an extended period, when the
B signal is input.
■ Note that when the microcontroller drive current is low, such as in the low power consumption modes, the B input potential can increase the potential
at the power supply pin via a protective diode, possibly affecting other devices.
■ Note that if the B signal is input when the microcontroller is off (not fixed at 0 V), power is supplied through the +B input pin; therefore, the
microcontroller may partially operate.
■ Note that if the B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not function in the power supply
voltage.
■ Do not leave B input pins open.
Figure 2. Example of recommended circuit :
Permitted operating frequency
MB91F467BA/F466BA
fmax, CLKB
92
MHz
TA ≤ 125 °C
fmax, CLKP
46
fmax, CLKT
46
fmax, CLKCAN
46
Permitted power dissipation [7]
PD
1200 *8
mW
TA ≤ 85 °C
600 *8
mW
TA ≤ 105 °C
1300 *8
mW
TA ≤ 105 °C, no Flash
program/erase [9]
1000 *8
mW
TA ≤ 115 °C, no Flash
program/erase [9]
750 *8
mW
TA ≤ 125 °C, no Flash
program/erase [9]
Operating temperature
TA
 40
 125
C
Storage temperature
Tstg
 55
 150
C
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
P-ch
N-ch
VCC
R
Input/output equivalent circuit
B input (0 V to 16 V)
Limiting
resistor
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com