Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor MB91F467BA Datasheet HTML 45Page - Cypress Semiconductor MB91F467BA Datasheet HTML 46Page - Cypress Semiconductor MB91F467BA Datasheet HTML 47Page - Cypress Semiconductor MB91F467BA Datasheet HTML 48Page - Cypress Semiconductor MB91F467BA Datasheet HTML 49Page - Cypress Semiconductor MB91F467BA Datasheet HTML 50Page - Cypress Semiconductor MB91F467BA Datasheet HTML 51Page - Cypress Semiconductor MB91F467BA Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 47 of 126
9.4
Parallel Flash Programming Mode
9.4.1
Flash Configuration in Parallel Flash Programming Mode
9.4.1.1 Parallel Flash programming mode (MD[2:0] = 111):
MB91F467BA
MB91F466BA
Remark: Always keep FA[0] = 0 and FA[21] = 1
16bit write mode
DQ[15:0]
DQ[15:0]
SA20 (64KB)
SA19 (64KB)
SA18 (64KB)
FA[21:0]
003E:FFFFh
003E:0000h
003D:FFFFh
003D:0000h
003F:FFFFh
003F:0000h
SA23 (64KB)
SA22 (64KB)
SA21 (64KB)
003C:FFFFh
003C:0000h
003B:FFFFh
003B:0000h
003A:FFFFh
003A:0000h
0039:FFFFh
0039:0000h
SA17 (64KB)
0038:FFFFh
0038:0000h
0037:FFFFh
0037:0000h
SA16 (64KB)
SA15 (64KB)
0036:FFFFh
0036:0000h
0035:FFFFh
0035:0000h
SA14 (64KB)
SA13 (64KB)
0034:FFFFh
0034:0000h
0033:FFFFh
0033:0000h
SA12 (64KB)
SA11 (64KB)
0032:FFFFh
0032:0000h
0031:FFFFh
0031:0000h
SA10 (64KB)
SA9 (64KB)
0030:FFFFh
0030:0000h
002F:FFFFh
002F:E000h
SA8 (64KB)
SA7 (8KB)
002F:7FFFh
002F:6000h
SA4 (8KB)
SA3 (8KB)
002F:DFFFh
002F:C000h
002F:BFFFh
002F:A000h
SA6 (8KB)
SA5 (8KB)
002F:1FFFh
002F:0000h
SA0 (8KB)
FA[1:0]=00
FA[1:0]=10
002F:5FFFh
002F:4000h
002F:3FFFh
002F:2000h
SA2 (8KB)
SA1 (8KB)
002F:9FFFh
002F:8000h
16bit write mode
DQ[15:0]
DQ[15:0]
SA20 (64KB)
SA19 (64KB)
SA18 (64KB)
FA[21:0]
SA23 (64KB)
SA22 (64KB)
SA21 (64KB)
003B:FFFFh
003B:0000h
003A:FFFFh
003A:0000h
0039:FFFFh
0039:0000h
SA17 (64KB)
0038:FFFFh
0038:0000h
0037:FFFFh
0037:0000h
SA16 (64KB)
SA15 (64KB)
0036:FFFFh
0036:0000h
0035:FFFFh
0035:0000h
SA14 (64KB)
SA13 (64KB)
0034:FFFFh
0034:0000h
0033:FFFFh
0033:0000h
SA12 (64KB)
SA11 (64KB)
0032:FFFFh
0032:0000h
0031:FFFFh
0031:0000h
SA10 (64KB)
SA9 (64KB)
0030:FFFFh
0030:0000h
002F:FFFFh
002F:E000h
SA8 (64KB)
SA7 (8KB)
002F:7FFFh
002F:6000h
SA4 (8KB)
SA3 (8KB)
002F:DFFFh
002F:C000h
002F:BFFFh
002F:A000h
SA6 (8KB)
SA5 (8KB)
002F:1FFFh
002F:0000h
SA0 (8KB)
FA[1:0]=00
FA[1:0]=10
002F:5FFFh
002F:4000h
002F:3FFFh
002F:2000h
SA2 (8KB)
SA1 (8KB)
002F:9FFFh
002F:8000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com