Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 87Page - Cypress Semiconductor MB91F467BA Datasheet HTML 88Page - Cypress Semiconductor MB91F467BA Datasheet HTML 89Page - Cypress Semiconductor MB91F467BA Datasheet HTML 90Page - Cypress Semiconductor MB91F467BA Datasheet HTML 91Page - Cypress Semiconductor MB91F467BA Datasheet HTML 92Page - Cypress Semiconductor MB91F467BA Datasheet HTML 93Page - Cypress Semiconductor MB91F467BA Datasheet HTML 94Page - Cypress Semiconductor MB91F467BA Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 90 of 126
1. The Interrupt Control Registers (ICRs) are located in the interrupt controller and set the interrupt level for each interrupt request. An ICR is provided
for each interrupt request.
2. The vector address for each EIT (exception, interrupt or trap) is calculated by adding the listed offset to the table base register value (TBR) . The
TBR specifies the top of the EIT vector table. The addresses listed in the table are for the default TBR value (000FFC00H) . The TBR is initialized
to this value by a reset. The TBR is set to 000FFC00H after the internal boot ROM is executed.
3. ICR23 and ICR47 can be exchanged by setting the REALOS compatibility bit (addr 0C03H : IOS[0])
4. Used by REALOS
5. Memory Protection Unit (MPU) support
PPG 2
114
72
ICR49
471H
234H
000FFE34H
98
PPG 3
115
73
230H
000FFE30H
99
PPG 4
116
74
ICR50
472H
22CH
000FFE2CH
100
PPG 5
117
75
228H
000FFE28H
101
PPG 6
118
76
ICR51
473H
224H
000FFE24H
102
PPG 7
119
77
220H
000FFE20H
103
PPG 8
120
78
ICR52
474H
21CH
000FFE1CH
104
PPG 9
121
79
218H
000FFE18H
105
PPG 10
122
7A
ICR53
475H
214H
000FFE14H
106
PPG 11
123
7B
210H
000FFE10H
107
PPG 12
124
7C
ICR54
476H
20CH
000FFE0CH
108
PPG 13
125
7D
208H
000FFE08H
109
PPG 14
126
7E
ICR55
477H
204H
000FFE04H
110
PPG 15
127
7F
200H
000FFE00H
111
Up/Down Counter 0
128
80
ICR56
478H
1FCH
000FFDFCH
—
Up/Down Counter 1
129
81
1F8H
000FFDF8H
—
Reserved
130
82
ICR57
479H
1F4H
000FFDF4H
—
Reserved
131
83
1F0H
000FFDF0H
—
Real Time Clock
132
84
ICR58
47AH
1ECH
000FFDECH
—
Calibration Unit
133
85
1E8H
000FFDE8H
—
A/D Converter 0
134
86
ICR59
47BH
1E4H
000FFDE4H
14, 112
System reserved
135
87
1E0H
000FFDE0H
—
Alarm Comparator 0
136
88
ICR60
47CH
1DCH
000FFDDCH
—
Reserved
137
89
1D8H
000FFDD8H
—
Low Voltage Detection
138
8A
ICR61
47DH
1D4H
000FFDD4H
—
Reserved
139
8B
1D0H
000FFDD0H
—
Time base Overflow
140
8C
ICR62
47EH
1CCH
000FFDCCH
—
PLL Clock Gear
141
8D
1C8H
000FFDC8H
—
DMA Controller
142
8E
ICR63
47FH
1C4H
000FFDC4H
—
Main/Sub OSC stability wait
143
8F
1C0H
000FFDC0H
—
Security vector
144
90
—
—
1BCH
000FFDBCH
—
Used by the INT
instruction.
145
to
255
91
to
FF
——
1B8H to
000H
000FFDB8H
to
000FFC00H
—
Interrupt
Interrupt number
Interrupt level [1]
Interrupt vector [2]
DMA
Resource
number
Decimal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com