Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 43Page - Cypress Semiconductor MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor MB91F467BA Datasheet HTML 45Page - Cypress Semiconductor MB91F467BA Datasheet HTML 46Page - Cypress Semiconductor MB91F467BA Datasheet HTML 47Page - Cypress Semiconductor MB91F467BA Datasheet HTML 48Page - Cypress Semiconductor MB91F467BA Datasheet HTML 49Page - Cypress Semiconductor MB91F467BA Datasheet HTML 50Page - Cypress Semiconductor MB91F467BA Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 46 of 126
9.3.3.3 Address Mapping MB91F465BB
Note: FA result is without 20:0000h offset for parallel Flash programming . Set offset by keeping FA[21] = 1 as described in section
“Parallel Flash programming mode
”.
9.3.3.4 Address Mapping MB91F464BB
Note: FA result is without 20:0000h offset for parallel Flash programming . Set offset by keeping FA[21] = 1 as described in section
“Parallel Flash programming mode
”.
CPU Address
(addr)
Condition
Flash
sectors
FA (Flash address) Calculation
14:8000h
to
14:FFFFh
addr[2]==0
SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 - (addr/2)%4
+ addr%4 - 0D:0000h
14:8000h
to
14:FFFFh
addr[2]==1
SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 + 00:2000h -
(addr/2)%4 + addr%4 - 0D:0000h
08:0000h
to
0F:FFFFh
addr[2]==0
SA12, SA14, SA16, SA18
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2 - (addr/2)%4 +
addr%4
08:0000h
to
0F:FFFFh
addr[2]==1
SA13, SA15, SA17, SA19
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2 + 01:0000h -
(addr/2)%4 + addr%4
CPU Address
(addr)
Condition
Flash
sectors
FA (Flash address) Calculation
14:8000h
to
14:FFFFh
addr[2]==0
SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 - (addr/2)%4
+ addr%4 - 0D:0000h
14:8000h
to
14:FFFFh
addr[2]==1
SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 + 00:2000h -
(addr/2)%4 + addr%4 - 0D:0000h
0A:0000h
to
0F:FFFFh
addr[2]==0
SA14, SA16, SA18
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2 - (addr/2)%4 +
addr%4
0A:0000h
to
0F:FFFFh
addr[2]==1
SA15, SA17, SA19
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2 + 01:0000h -
(addr/2)%4 + addr%4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com