Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 22Page - Cypress Semiconductor MB91F467BA Datasheet HTML 23Page - Cypress Semiconductor MB91F467BA Datasheet HTML 24Page - Cypress Semiconductor MB91F467BA Datasheet HTML 25Page - Cypress Semiconductor MB91F467BA Datasheet HTML 26Page - Cypress Semiconductor MB91F467BA Datasheet HTML 27Page - Cypress Semiconductor MB91F467BA Datasheet HTML 28Page - Cypress Semiconductor MB91F467BA Datasheet HTML 29Page - Cypress Semiconductor MB91F467BA Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 25 of 126
K
CMOS level output
(programmable IOL = 5mA, IOH = -5mA
and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input shutdown
function
Automotive input with input shutdown function
TTL input with input shutdown function
Programmable pull-up resistor: 50k
 approx.
LCD SEG/COM output
L
CMOS level output
(programmable IOL = 5mA, IOH = -5mA
and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input shutdown
function
Automotive input with input shutdown function)
TTL input with input shutdown function
Programmable pull-up resistor: 50k
 approx.
Analog input
LCD Voltage input
Type
Circuit
Remarks
pull-up control
R
CMOS hysteresis type1
Automotive inputs
TTL input
CMOS hysteresis type2
pull- down control
driver strength
control
data line
standby control for
input shutdown
LCD SEG/COM
R
pull-up control
pull- down control
driver strength
control
data line
CMOS hysteresis type1
Automotive inputs
TTL input
CMOS hysteresis type2
standby control for
input shutdown
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com