Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 37Page - Cypress Semiconductor MB91F467BA Datasheet HTML 38Page - Cypress Semiconductor MB91F467BA Datasheet HTML 39Page - Cypress Semiconductor MB91F467BA Datasheet HTML 40Page - Cypress Semiconductor MB91F467BA Datasheet HTML 41Page - Cypress Semiconductor MB91F467BA Datasheet HTML 42Page - Cypress Semiconductor MB91F467BA Datasheet HTML 43Page - Cypress Semiconductor MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor MB91F467BA Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 40 of 126
9.3
Flash Access in CPU mode
9.3.1
Flash Configuration
9.3.1.1 Flash Memory Map MB91F467BA
ROMS1
ROMS0
addr+6
ROMS5
ROMS4
ROMS6
ROMS7
ROMS3
ROMS2
dat[31:16]
dat[15:0]
dat[31:0]
dat[31:0]
dat[31:16]
dat[15:0]
16bit read/write
32bit read/write
dat[63:0]
64bit read
addr+7
addr+2
SA0 (8KB)
SA16 (64KB)
SA10 (64KB)
SA21 (64KB)
SA19 (64KB)
Address
0014:FFFFh
0014:C000h
0014:BFFFh
0014:8000h
SA7 (8KB)
SA5 (8KB)
SA3 (8KB)
SA1 (8KB)
SA23 (64KB)
SA6 (8KB)
SA4 (8KB)
SA2 (8KB)
SA22 (64KB)
SA20 (64KB)
0013:FFFFh
0012:0000h
0011:FFFFh
0010:0000h
SA18 (64KB)
0014:7FFFh
0014:4000h
0014:3FFFh
0014:0000h
000F:FFFFh
000E:0000h
SA15 (64KB)
000D:FFFFh
000C:0000h
000B:FFFFh
000A:0000h
addr+5
SA11 (64KB)
SA8 (64KB)
SA9 (64KB)
addr+0
addr+1
addr+3
addr+4
0009:FFFFh
0008:0000h
0007:FFFFh
0006:0000h
0005:FFFFh
0004:0000h
SA17 (64KB)
SA14 (64KB)
SA12 (64KB)
SA13 (64KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com