Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 42Page - Cypress Semiconductor MB91F467BA Datasheet HTML 43Page - Cypress Semiconductor MB91F467BA Datasheet HTML 44Page - Cypress Semiconductor MB91F467BA Datasheet HTML 45Page - Cypress Semiconductor MB91F467BA Datasheet HTML 46Page - Cypress Semiconductor MB91F467BA Datasheet HTML 47Page - Cypress Semiconductor MB91F467BA Datasheet HTML 48Page - Cypress Semiconductor MB91F467BA Datasheet HTML 49Page - Cypress Semiconductor MB91F467BA Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 45 of 126
9.3.3
Address Mapping from CPU to Parallel Programming Mode
The following tables show the calculation from CPU addresses to flash macro addresses which are used in parallel programming.
9.3.3.1 Address Mapping MB91F467BA
Note: FA result is without 20:0000h offset for parallel Flash programming . Set offset by keeping FA[21] = 1 as described in section
“Parallel Flash programming mode
”.
9.3.3.2 Address Mapping MB91F466BA
Note: FA result is without 20:0000h offset for parallel Flash programming . Set offset by keeping FA[21] = 1 as described in section
“Parallel Flash programming mode
”.
CPU Address
(addr)
Condition
Flash
sectors
FA (Flash address) Calculation
14:0000h
to
14:FFFFh
addr[2]==0
SA0, SA2, SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 - (addr/2)%4 +
addr%4 - 05:0000h
14:0000h
to
14:FFFFh
addr[2]==1
SA1, SA3, SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 + 00:2000h -
(addr/2)%4 + addr%4 - 05:0000h
04:0000h
to
13:FFFFh
addr[2]==0
SA8, SA10, SA12, SA14, SA16,
SA18, SA20, SA22
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2 - (addr/2)%4 +
addr%4 + 0C:0000h
04:0000h
to
13:FFFFh
addr[2]==1
SA9, SA11, SA13, SA15, SA17,
SA19, SA21, SA23
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2 + 01:0000h -
(addr/2)%4 + addr%4 + 0C:0000h
CPU Address
(addr)
Condition
Flash
sectors
FA (Flash address) Calculation
14:0000h
to
14:FFFFh
addr[2]==0
SA0, SA2, SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 - (addr/2)%4 +
addr%4 - 05:0000h
14:0000h
to
14:FFFFh
addr[2]==1
SA1, SA3, SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2 + 00:2000h - (ad-
dr/2)%4 + addr%4 - 05:0000h
04:0000h
to
0F:FFFFh
addr[2]==0
SA8, SA10, SA12, SA14, SA16,
SA18
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2 - (addr/2)%4 + ad-
dr%4 + 0C:0000h
04:0000h
to
0F:FFFFh
addr[2]==1
SA9, SA11, SA13, SA15, SA17,
SA19
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2 + 01:0000h - (ad-
dr/2)%4 + addr%4 + 0C:0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com