Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 2Page - Cypress Semiconductor MB91F467BA Datasheet HTML 3Page - Cypress Semiconductor MB91F467BA Datasheet HTML 4Page - Cypress Semiconductor MB91F467BA Datasheet HTML 5Page - Cypress Semiconductor MB91F467BA Datasheet HTML 6Page - Cypress Semiconductor MB91F467BA Datasheet HTML 7Page - Cypress Semiconductor MB91F467BA Datasheet HTML 8Page - Cypress Semiconductor MB91F467BA Datasheet HTML 9Page - Cypress Semiconductor MB91F467BA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 5 of 126
1. MPU channels use EDSU breakpoint registers (shared operation between MPU and EDSU).
2. Free Running Timer: MD3=0 : CH 1 and 0 cannot select external clock (bit7 of TCCS1,0)
MD3=1: CH 3, 2, 1, and 0 cannot select external clock (bit7 of TCCS3,2,1,0)
Feature
MB91V460
MB91F465BB/464BB
MB91F467BA/466BA
LIN-USART
4 ch + 4 ch FIFO + 8 ch
MD_3=0: 3 ch + 4 ch FIFO[8]
MD_3=1: 4 ch FIFO
MD_3=0: 3 ch + 4 ch FIFO[8]
MD_3=1: 4 ch FIFO
I2C (400K)
4 ch
2 ch
2 ch
FR external bus
yes (32bit addr, 32bit data)
MD_3=0: no
MD_3=1: yes (22bit addr, 16bit data)
MD_3=0: no
MD_3=1: yes (22bit addr, 16bit data)
External Interrupts
16 ch
MD_3=0: 16 ch
MD_3=1: 12 ch[9]
MD_3=0: 16 ch
MD_3=1: 12 ch[9]
NMI Interrupts
1 ch
1 ch
1 ch
SMC
6 ch
-
-
LCD controller (40x4)
1 ch
-
-
ADC (10-bit)
32 ch
MD_3=0: 32 ch
MD_3=1: 16 ch
MD_3=0: 32 ch
MD_3=1: 16 ch
Alarm Comparator
2 ch
1 ch
1 ch
Supply Supervisor (low voltage
detection)
yes
yes
yes
Clock Supervisor
yes
yes
yes
Main clock oscillator
4 MHz
4 MHz
4 MHz
Sub clock oscillator
32kHz
32kHz
32kHz
RC oscillator
100kHz
100kHz / 2MHz
100kHz / 2MHz
PLL
x 20
x 25
x 25
DSU4
yes
no
no
EDSU
yes (32 BP)[1]
yes (16 BP)[1]
yes (16 BP)[1]
Supply voltage
3V/5V
3V/5V
3V/5V
Regulator
yes
yes
yes
Power consumption
n.a.
< 1.3 W
< 1.3 W
Temperature Range (Ta)
0..70 C
-40..125 C
-40..125 C
Package
BGA-660
QFP-144
QFP-144
Power on to PLL run
< 20 ms
< 20 ms
< 20 ms
Flash Download Time
n.a.
< 5 sec. typical
< 6 sec. typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com