Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 10Page - Cypress Semiconductor MB91F467BA Datasheet HTML 11Page - Cypress Semiconductor MB91F467BA Datasheet HTML 12Page - Cypress Semiconductor MB91F467BA Datasheet HTML 13Page - Cypress Semiconductor MB91F467BA Datasheet HTML 14Page - Cypress Semiconductor MB91F467BA Datasheet HTML 15Page - Cypress Semiconductor MB91F467BA Datasheet HTML 16Page - Cypress Semiconductor MB91F467BA Datasheet HTML 17Page - Cypress Semiconductor MB91F467BA Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 13 of 126
64
P16_0
I/O
A
General-purpose input/output port
PPG8
Output pins of PPG timer
65
P16_1
I/O
A
General-purpose input/output port
PPG9
Output pins of PPG timer
66
P16_2
I/O
A
General-purpose input/output port
PPG10
Output pins of PPG timer
67
P16_3
I/O
A
General-purpose input/output port
PPG11
Output pins of PPG timer
68
P16_4
I/O
A
General-purpose input/output port
PPG12
Output pins of PPG timer
SGA
SGA output pin of sound generator
69
P16_5
I/O
A
General-purpose input/output port
PPG13
Output pins of PPG timer
SGO
SG0 output pin of sound generator
70
P16_6
I/O
A
General-purpose input/output port
PPG14
Output pins of PPG timer
71
P16_7
I/O
A
General-purpose input/output port
PPG15
Output pins of PPG timer
ATGX
A/D converter external trigger input pin
74 to 76
MD_0 to MD_2
I
G
Mode setting pins
77
MONCLK
O
M
Clock monitor pin
78
MD_3
I
H
Mode setting pin
79
X1
—
J1
Clock (oscillation) output
80
X0
—
J1
Clock (oscillation) input
82
X0A
—
J2
Sub clock (oscillation) input
83
X1A
—
J2
Sub clock (oscillation) output
84
INITX
I
H
External reset input pin
85
NMIX
I
H
Non-maskable interrupt input pin
92
P19_0
I/O
A
General-purpose input/output port
SIN4
Data input pin of USART4
93
P19_1
I/O
A
General-purpose input/output port
SOT4
Data output pin of USART4
94
P19_2
I/O
A
General-purpose input/output port
SCK4
Clock input/output pin of USART4
CK4
External clock input pin of free-run timer 4
95
P19_4
I/O
A
General-purpose input/output port
SIN5
Data input pin of USART5
96
P19_5
I/O
A
General-purpose input/output port
SOT5
Data output pin of USART5
Pin no.
Pin name
I/O
I/O circuit
type[1]
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com