Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 98Page - Cypress Semiconductor MB91F467BA Datasheet HTML 99Page - Cypress Semiconductor MB91F467BA Datasheet HTML 100Page - Cypress Semiconductor MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor MB91F467BA Datasheet HTML 103Page - Cypress Semiconductor MB91F467BA Datasheet HTML 104Page - Cypress Semiconductor MB91F467BA Datasheet HTML 105Page - Cypress Semiconductor MB91F467BA Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 101 of 126
15.3
DC Characteristics
(VDD5  AVCC5  3.0 V to 5.5 V, VSS5  AVSS5  0 V, TA  40 C to  125 C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “H”
voltage
VIH
-
Port inputs if CMOS
Hysteresis 0.8/0.2
input is selected
0.8 × VDD
-VDD + 0.3
V
CMOS hysteresis input
-
Port inputs if CMOS
Hysteresis 0.7/0.3 input
is selected
0.7 × VDD
-VDD + 0.3
V
4.5 V
 VDD  5.5 V
0.74 × VDD
-VDD + 0.3
V
3 V
 VDD < 4.5 V
-
AUTOMOTIVE
Hysteresis input is se-
lected
0.8 × VDD
-VDD + 0.3
V
-
Port inputs if TTL input is
selected
2.0
-
VDD + 0.3
V
VIHR
INITX
-
0.8 × VDD
-VDD + 0.3
V
INITX input pin (CMOS
Hysteresis)
VIHM
MD_3 to MD_0
-
VDD - 0.3
-
VDD + 0.3
V
Mode input pins
VIHX0S
X0, X0A
-
2.5
-
VDD + 0.3
V
External clock in
“Oscillation mode”
VIHX0F
X0
-
0.8 × VDD
-VDD + 0.3
V
External clock in “Fast
Clock Input mode”
Input “L”
voltage
VIL
-
Port inputs if CMOS
Hysteresis 0.8/0.2 input
is selected
VSS - 0.3
-
0.2 × VDD
V
-
Port inputs if CMOS
Hysteresis 0.7/0.3 input
is selected
VSS - 0.3
-
0.3 × VDD
V
-
Port inputs if
AUTOMOTIVE
Hysteresis input is
selected
VSS - 0.3
-
0.5 × VDD
V
4.5 V ≤ VDD ≤ 5.5 V
VSS - 0.3
-
0.46 × VDD
V3 V ≤ VDD < 4.5 V
-
Port inputs if TTL input is
selected
VSS - 0.3
-
0.8
V
VILR
INITX
-
VSS - 0.3
-
0.2 × VDD
V
INITX input pin (CMOS
Hysteresis)
VILM
MD_3 to MD_0
-
VSS - 0.3
-
VSS + 0.3
V
Mode input pins
VILXDS
X0, X0A
-
VSS - 0.3
-
0.5
V
External clock in
“Oscillation mode”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com