Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BA Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 99Page - Cypress Semiconductor MB91F467BA Datasheet HTML 100Page - Cypress Semiconductor MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor MB91F467BA Datasheet HTML 103Page - Cypress Semiconductor MB91F467BA Datasheet HTML 104Page - Cypress Semiconductor MB91F467BA Datasheet HTML 105Page - Cypress Semiconductor MB91F467BA Datasheet HTML 106Page - Cypress Semiconductor MB91F467BA Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 102 of 126
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “L”
voltage
VILXDF
X0
-
VSS - 0.3
-
0.2 × VDD
V
External clock in
“Fast Clock Input
mode”
Output “H”
voltage
VOH2
Normal
outputs
4.5V
VDD
5.5V,
IOH = - 2mA
VDD - 0.5
-
-
V
Driving strength set to
2 mA
3.0V
VDD
4.5V,
IOH = - 1.6mA
VOH5
Normal
outputs
4.5V
VDD
5.5V,
IOH = - 5mA
VDD - 0.5
-
-
V
Driving strength set to
5 mA
3.0V
VDD
4.5V,
IOH = - 3mA
VOH3
I2C
outputs
3.0V
VDD
5.5V,
IOH = - 3mA
VDD - 0.5
-
-
V
Output “L“ volt-
age
VOL2
Normal
outputs
4.5V
VDD
5.5V,
IOH = + 2mA
--
0.4
V
Driving strength set to
2 mA
3.0V
VDD
4.5V,
IOH = + 1.6mA
VOL5
Normal
outputs
4.5V
VDD
5.5V,
IOH = + 5mA
--
0.4
V
Driving strength set to
5 mA
3.0V
VDD
4.5V,
IOH = + 3mA
VOL3
I2C
outputs
3.0V
VDD
5.5V,
IOH = + 3mA
--
0.4
V
Input leakage
current
IIL
Pnn_m[1]
3.0V
VDD
5.5V
VSS5 < VI < VDD
TA=25 °C
- 1
-
+ 1
mA
3.0V
VDD
5.5V
VSS5 < VI < VDD
TA=125 °C
- 3
-
+ 3
Analog input
leakage cur-
rent
IAIN
ANn[2]
3.0V
VDD
5.5V
TA=25 °C
- 1
-
+ 1
mA
3.0V
VDD
5.5V
TA=125 °C
- 3
-
+ 3
mA
Pull-up
resistance
RUP
Pnn_m [3]
INITX
3.0V VDD 3.6V
40
100
160
kW
4.5V VDD 5.5V
25
50
100
Pull-down
resistance
RDOWN
Pnn_m [4]
3.0V VDD 3.6V
40
100
180
kW
4.5V VDD 5.5V
25
50
100
Input
capacitance
CIN
All except
VDD5,
VDD5R,
VSS5,
AVCC5,
AVSS5,
AVRH5
f = 1 MHz
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com