Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 33Page - Cypress Semiconductor S70FS01GS Datasheet HTML 34Page - Cypress Semiconductor S70FS01GS Datasheet HTML 35Page - Cypress Semiconductor S70FS01GS Datasheet HTML 36Page - Cypress Semiconductor S70FS01GS Datasheet HTML 37Page - Cypress Semiconductor S70FS01GS Datasheet HTML 38Page - Cypress Semiconductor S70FS01GS Datasheet HTML 39Page - Cypress Semiconductor S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 37 of 141
5.5.2
DDR Output Timing
Figure 5.15
SPI DDR Output Timing
5.5.3
DDR Data Learning Pattern Timing
Figure 5.16
SPI Data Learning Pattern DDR Data Valid Window
Notes:
1. tCLH is the shorter duration of tCL or tCH.
2. tO_SKEW is the maximum difference (delta) between the minimum and maximum tV (output valid) across all IO signals.
3. tOTT is the maximum Output Transition Time from one valid data value to the next valid data value on each IO.
4. tOTT is dependent on system level considerations including:
a. Memory device output impedance (drive strength).
b. System level parasitics on the IOs (primarily bus capacitance).
c. Host memory controller input VIH and VIL levels at which 0 to 1 and 1 to 0 transitions are recognized.
d. As an example, assuming that the above considerations result in a memory output slew rate of 2 V/ns and a 3V transition
(from 1 to 0 or 0 to 1) is required by the host, the tOTT would be: tOTT = 2V / (2 V/ns) = 1.0 ns
e. tOTT is not a specification tested by Cypress, it is system dependent and must be derived by the system designer based on the above considerations.
CS#
SCK
IO's
MSB
LSB
tCS
tV
tV
tDIS
tHO
SCK
IO Slow
IO Fast
IO_valid
Slow D1
S.
Slow D2
Fast D1
Fast D2
D1
D2
t
V
t
IO_SKEW
t
DV
t
CL
t
CH
t
OTT
p
SCK
t
HO
t
V_min
t
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com