Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 49Page - Cypress Semiconductor S70FS01GS Datasheet HTML 50Page - Cypress Semiconductor S70FS01GS Datasheet HTML 51Page - Cypress Semiconductor S70FS01GS Datasheet HTML 52Page - Cypress Semiconductor S70FS01GS Datasheet HTML 53Page - Cypress Semiconductor S70FS01GS Datasheet HTML 54Page - Cypress Semiconductor S70FS01GS Datasheet HTML 55Page - Cypress Semiconductor S70FS01GS Datasheet HTML 56Page - Cypress Semiconductor S70FS01GS Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 53 of 141
Address Length Non-volatile CR2NV[7]:
This bit controls the POR, hardware reset, or software reset state of the expected
address length for all commands that require address and are not fixed 3 byte only or 4 Byte (32 bit) only address. Most commands
that need an address are legacy SPI commands that traditionally used 3 byte (24 bit) address. For device densities greater than
128 Mbit a 4 Byte address is required to access the entire memory array. The address length configuration bit is used to change
most 3 Byte address commands to expect 4 Byte address. See Table 9.1, FS-S Family Command Set (sorted by function)
on page 74 for command address length. This non-volatile Address Length configuration bit enables the device to start immediately
(boot) in 4 Byte address mode rather than the legacy 3 Byte address mode.
QPI Non-volatile CR2NV[6]:
This bit controls the POR, hardware reset, or software reset state of the expected instruction width for
all commands. Legacy SPI commands always send the instruction one bit wide (serial I/O) on the SI (IO0) signal. The FS-S Family
also supports the QPI mode in which all transfers between the host system and memory are 4 bits wide on IO0 to IO3, including all
instructions. This non-volatile QPI configuration bit enables the device to start immediately (boot) in QPI mode rather than the legacy
serial instruction mode. When this bit is programmed to QPI mode, the QUAD_NV bit is also programmed to Quad mode
(CR1NV[1]=1). The recommended procedure for moving to QPI mode is to first use the WRAR command to set CR2V[6]=1, QPI
mode. The volatile register write for QPI mode has a short and well defined time (tCS) to switch the device interface into QPI mode.
Following commands can then be immediately sent in QPI protocol. The WRAR command can be used to program CR2NV[6]=1,
followed by polling of SR1V[0] to know when the programming operation is completed. Similarly, to exit QPI mode, the WRAR
command is used to clear CR2V[6]=0. CR2NV[6] cannot be erased to 0 because it is OTP.
IO3 Reset Non-volatile CR2NV[5]:
This bit controls the POR, hardware reset, or software reset state of the IO3 signal behavior.
Most legacy SPI devices do not have a hardware reset input signal due to the limited signal count and connections available in
traditional SPI device packages. The FS-S Family provides the option to use the IO3 signal as a hardware reset input when the IO3
signal is not in use for transferring information between the host system and the memory. This non-volatile IO3 Reset configuration
bit enables the device to start immediately (boot) with IO3 enabled for use as a RESET# signal.
Read Latency Non-volatile CR2NV[3:0]:
This bit controls the POR, hardware reset, or software reset state of the read latency
(dummy cycle) delay in all variable latency read commands. The following read commands have a variable latency period between
the end of address or mode and the beginning of read data returning to the host:
Fast Read
Dual I/O Read
Quad I/O Read
DDR Quad I/O Read
OTPR
ECCRD
RDAR
This non-volatile read latency configuration bit sets the number of read latency (dummy cycles) in use so the device can start
immediately (boot) with an appropriate read latency for the host system.
Table 7.11
Latency Code (Cycles) Versus Frequency
Latency Code
Read Command Maximum Frequency (MHz)
Fast Read (1-1-1)
OTPR (1-1-1)
RDAR (1-1-1)
RDAR (4-4-4)
Dual I/O (1-2-2)
Quad I/O (1-4-4)
Quad I/O (4-4-4)
DDR Quad I/O (1-4-4)
DDR Quad I/O (4-4-4) (Note 4)
Mode Cycles = 0
Mode Cycles = 4
Mode Cycles = 2
Mode Cycles = 1
0
508040
N/A
1
66925322
2
80
104
66
34
3
92
116
80
45
4
104
129
92
57
5
116
133
104
68
6
129
133
116
80
7
133
133
129
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com