Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor S70FS01GS Datasheet HTML 94Page - Cypress Semiconductor S70FS01GS Datasheet HTML 95Page - Cypress Semiconductor S70FS01GS Datasheet HTML 96Page - Cypress Semiconductor S70FS01GS Datasheet HTML 97Page - Cypress Semiconductor S70FS01GS Datasheet HTML 98Page - Cypress Semiconductor S70FS01GS Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 95 of 141
9.5
Program Flash Array Commands
9.5.1
Program Granularity
9.5.1.1
Automatic ECC
Each 16 byte aligned and 16 byte length Programming Block has a hidden Error Correction Code (ECC) value. The data block plus
ECC form an ECC unit. In combination with Error Detection and Correction (EDC) logic the ECC is used to detect and correct any
single bit error found during a read access. When data is first programmed within an ECC unit the ECC value is set for the entire
ECC unit. If the same ECC unit is programmed more than once the ECC value is changed to disable the EDC function. A sector
erase is needed to again enable Automatic ECC on that Programming Block. The 16 byte Program Block is the smallest program
granularity on which Automatic ECC is enabled.
These are automatic operations transparent to the user. The transparency of the Automatic ECC feature enhances data accuracy
for typical programming operations which write data once to each ECC unit but, facilitates software compatibility to previous
generations of FL family of products by still allowing for single byte programming and bit walking in which the same ECC unit is
programmed more than once. When an ECC unit has Automatic ECC disabled, EDC is not done on data read from the ECC unit
location.
An ECC status register is provided for determining if ECC is enabled on an ECC unit and whether any errors have been detected
and corrected in the ECC unit data or the ECC. The ECC Status Register Read (ECCRD) command is used to read the ECC status
on any ECC unit.
9.5.1.2
Page Programming
Page Programming is done by loading a Page Buffer with data to be programmed and issuing a programming command to move
data from the buffer to the memory array. This sets an upper limit on the amount of data that can be programmed with a single
programming command. Page Programming allows up to a page size (either 256 or 512 bytes) to be programmed in one operation.
The page size is determined by the configuration register bit CR3V[4].The page is aligned on the page size address boundary. It is
possible to program from one bit up to a page size in each Page programming operation. It is recommended that a multiple of 16
byte length and aligned Program Blocks be written. This insures that Automatic ECC is not disabled. For the very best performance,
programming should be done in full pages of 512 bytes aligned on 512 byte boundaries with each Page being programmed only
once.
9.5.1.3
Single Byte Programming
Single Byte Programming allows full backward compatibility to the legacy standard SPI Page Programming (PP) command by
allowing a single byte to be programmed anywhere in the memory array. While single byte programming is supported, this will
disable Automatic ECC on the 16 byte ECC unit where the byte is located.
9.5.2
Page Program (PP 02h or 4PP 12h)
The Page Program (PP) command allows bytes to be programmed in the memory (changing bits from 1 to 0). Before the Page
Program (PP) commands can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the
device. After the Write Enable (WREN) command has been decoded successfully, the device sets the Write Enable Latch (WEL) in
the Status Register to enable any write operations.
The instruction
02h (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
02h (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
12h is followed by a 4-byte address (A31-A0)
and at least one data byte on SI. Depending on CR3V[4], the page size can either be 256 or 512 Bytes. Up to a page can be
provided on SI after the 3-byte address with instruction 02h or 4-byte address with instruction 12h has been provided.
If more data is sent to the device than the space between the starting address and the page aligned end boundary, the data loading
sequence will wrap from the last byte in the page to the zero byte location of the same page and begin overwriting any data
previously loaded in the page. The last page worth of data is programmed in the page. This is a result of the device being equipped
with a page program buffer that is only page size in length. If less than a page of data is sent to the device, these data bytes will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com