Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 67Page - Cypress Semiconductor S70FS01GS Datasheet HTML 68Page - Cypress Semiconductor S70FS01GS Datasheet HTML 69Page - Cypress Semiconductor S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 71 of 141
9.
Commands
All communication between the host system and FS-S Family memory devices is in the form of units called commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be performed. Commands
may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the memory. All
instruction, address, and data information is transferred sequentially between the host system and memory device.
Command protocols are also classified by a numerical nomenclature using three numbers to reference the transfer width of three
command phases:
instruction;
address and instruction modifier (mode);
data.
Single bit wide commands start with an instruction and may provide an address or data, all sent only on the SI signal. Data may be
sent back to the host serially on the SO signal. This is referenced as a 1-1-1 command protocol for single bit width instruction, single
bit width address and modifier, single bit data.
Dual or Quad Input / Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3. This is referenced as 1-2-2 for Dual I/O and 1-4-4 for Quad I/O command protocols.
The FS-S Family also supports a QPI mode in which all information is transferred in 4-bit width, including the instruction, address,
modifier, and data. This is referenced as a 4-4-4 command protocol.
Commands are structured as follows:
Each command begins with an eight bit (byte) instruction. However, some read commands are modified by a prior read
command, such that the instruction is implied from the earlier command. This is called Continuous Read Mode. For the
S70FS01GS, do not enable the Continuous Read Mode, this will cause bus contention between the two 512Mb die.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address
spaces in the device. The address may be either a 24 bit or 32 bit, byte boundary, address.
The Serial Peripheral Interface with Multiple IO provides the option for each transfer of address and data information to be
done one, two, or four bits in parallel. This enables a trade off between the number of signal connections (IO bus width) and
the speed of information transfer. If the host system can support a two or four bit wide IO bus the memory performance can
be increased by using the instructions that provide parallel two bit (dual) or parallel four bit (quad) transfers.
In legacy SPI Multiple IO mode, the width of all transfers following the instruction are determined by the instruction sent.
Following transfers may continue to be single bit serial on only the SI or Serial Output (SO) signals, they may be done in
two bit groups per (dual) transfer on the IO0 and IO1 signals, or they may be done in 4 bit groups per (quad) transfer on the
IO0-IO3 signals. Within the dual or quad groups the least significant bit is on IO0. More significant bits are placed in
significance order on each higher numbered IO signal. SIngle bits or parallel bit groups are transferred in most to least
significant bit order.
In QPI mode, the width of all transfers, including instructions, is a 4-bit wide (quad) transfer on the IO0-IO3 signals.
Dual I/O and Quad I/O read instructions send an instruction modifier called mode bits, following the address, to indicate that
the next command will be of the same type with an implied, rather than an explicit, instruction. The next command thus
does not provide an instruction byte, only a new address and mode bits. This reduces the time needed to send each
command when the same command type is repeated in a sequence of commands.
The address or mode bits may be followed by write data to be stored in the memory device or by a read latency period
before read data is returned to the host.
Read latency may be zero to several SCK cycles (also referred to as dummy cycles).
All instruction, address, mode, and data information is transferred in byte granularity. Addresses are shifted into the device
with the most significant byte first. All data is transferred with the lowest address byte sent first. Following bytes of data are
sent in lowest to highest byte address order i.e. the byte address increments.
All attempts to read the flash memory array during a program, erase, or a write cycle (embedded operations) are ignored.
The embedded operation will continue to execute without any affect. A very limited set of commands are accepted during
an embedded operation. These are discussed in the individual command descriptions. While a program, erase, or write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com