Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 35Page - Cypress Semiconductor S70FS01GS Datasheet HTML 36Page - Cypress Semiconductor S70FS01GS Datasheet HTML 37Page - Cypress Semiconductor S70FS01GS Datasheet HTML 38Page - Cypress Semiconductor S70FS01GS Datasheet HTML 39Page - Cypress Semiconductor S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor S70FS01GS Datasheet HTML 42Page - Cypress Semiconductor S70FS01GS Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 39 of 141
6.
Physical Interface
6.1
Connection Diagrams
6.1.1
SOIC 16-Lead
Figure 6.1
16-Lead SOIC Package, Top View
Note:
1. The RESET# input has an internal pull-up and may be left unconnected in the system if quad mode and hardware reset are not in use.
6.1.2
BGA 24-Ball, 5x5 Ball Footprint (FAB024)
Figure 6.2
24-Ball BGA, 5x5 Ball Footprint (FAB024), Top View
Notes:
1. Signal connections are in the same relative positions as FAC024 BGA, allowing a single PCB footprint to use either package.
2. The RESET# input has an internal pull-up and may be left unconnected in the system if quad mode and hardware reset are not in use.
6.1.3
Special Handling Instructions for FBGA Packages
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or data
integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com