Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 80Page - Cypress Semiconductor S70FS01GS Datasheet HTML 81Page - Cypress Semiconductor S70FS01GS Datasheet HTML 82Page - Cypress Semiconductor S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor S70FS01GS Datasheet HTML 84Page - Cypress Semiconductor S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 84 of 141
Figure 9.18
Read Any Register Read Command Sequence
Note:
1. A = MSB of address = 23 for Address length CR2V[7] = 0, or 31 for CR2V[7]=1
Table 9.2
Register Address Map
Byte Address (Hex)
Register Name
Description
00000000
SR1NV
Non-volatile Status and Configuration Registers
00000001
N/A
00000002
CR1NV
00000003
CR2NV
00000004
CR3NV
00000005
CR4NV
...
N/A
00000010
NVDLR
Non-volatile Data Learning Register
...
N/A
00000020
PASS[7:0]
Non-volatile Password Register
00000021
PASS[15:8]
00000022
PASS[23:16]
00000023
PASS[31:24]
00000024
PASS[39:32]
00000025
PASS[47:40]
00000026
PASS[55:48]
00000027
PASS[63:56]
...
N/A
00000030
ASPR[7:0]
Non-volatile
00000031
ASPR[15:8]
...
N/A
00800000
SR1V
Volatile Status and Configuration Registers
00800001
SR2V
00800002
CR1V
00800003
CR2V
00800004
CR3V
00800005
CR4V
...
N/A
00800010
VDLR
Volatile Data Learning Register
...
N/A
00800040
PPBL
Volatile PPB Lock Register
...
N/A
CS#
SCK
SI
SO
Phase
7 6
5
4
3 2
1
0 A
1
0
7
6 5
4
3 2
1 0
Instruction
Address
Dummy Cycles
Data 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com