Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 34Page - Cypress Semiconductor S70FS01GS Datasheet HTML 35Page - Cypress Semiconductor S70FS01GS Datasheet HTML 36Page - Cypress Semiconductor S70FS01GS Datasheet HTML 37Page - Cypress Semiconductor S70FS01GS Datasheet HTML 38Page - Cypress Semiconductor S70FS01GS Datasheet HTML 39Page - Cypress Semiconductor S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor S70FS01GS Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 38 of 141
5.5.3.1
Data Learning Pattern Minimum Window
The minimum data valid window (tDV) can be calculated as follows:
As an example, assuming: 80 MHz clock frequency = 12.5 ns clock period with DDR operations are specified to have a duty cycle of
45% or higher.
tCLH = 0.45*PSCK = 0.45 x 12.5ns = 5.625ns
tO_SKEW = 600ps
tOTT = 1.0ns
tDV = tCLH - tO_SKEW - tOTT
–tDV = 5.625ns - 600ps - 1.0ns = 4.025ns
tV _min = tHO + tO_SKEW + tOTT
–tV _min = 1.0 ns + 600ps + 1.0 ns = 2.6 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com