Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 2 Page - Cypress Semiconductor

  S70FS01GS Datasheet HTML 1Page - Cypress Semiconductor S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 141 page
background image
Document Number: 002-03833 Rev. *C
Page 2 of 141
S70FS01GS
Contents
Performance Summary
........................................................ 1
1.
Overview
....................................................................... 3
1.1 General Description ....................................................... 3
1.2 Migration Notes.............................................................. 3
1.3 Glossary......................................................................... 6
1.4 Other Resources............................................................ 7
2.
Signal Descriptions
..................................................... 8
2.1 Input/Output Summary................................................... 8
2.2 Multiple Input / Output (MIO).......................................... 9
2.3 Serial Clock (SCK) ......................................................... 9
2.4 Chip Select (CS#) .......................................................... 9
2.5 Serial Input (SI) / IO0 ..................................................... 9
2.6 Serial Output (SO) / IO1................................................. 9
2.7 Write Protect (WP#) / IO2 .............................................. 9
2.8
IO3 / RESET# ............................................................. 10
2.9 Voltage Supply (VDD)................................................... 10
2.10 Supply and Signal Ground (VSS) ................................. 10
2.11 Not Connected (NC) .................................................... 10
2.12 Reserved for Future Use (RFU)................................... 10
2.13 Do Not Use (DNU) ....................................................... 11
2.14 Block Diagrams............................................................ 11
3.
Signal Protocols
......................................................... 13
3.1 SPI Clock Modes ......................................................... 13
3.2 Command Protocol ...................................................... 14
3.3 Interface States............................................................ 18
3.4 Configuration Register Effects on the Interface ........... 22
3.5 Data Protection ............................................................ 22
4.
Electrical Specifications
............................................ 23
4.1 Absolute Maximum Ratings ......................................... 23
4.2 Latchup Characteristics ............................................... 23
4.3 Operating Ranges........................................................ 23
4.4 Power-Up and Power-Down ........................................ 24
4.5 DC Characteristics ....................................................... 26
5.
Timing Specifications
................................................ 29
5.1 Key to Switching Waveforms ....................................... 29
5.2 AC Test Conditions ...................................................... 29
5.3 Reset............................................................................ 30
5.4 SDR AC Characteristics............................................... 33
5.5 DDR AC Characteristics .............................................. 36
6.
Physical Interface
...................................................... 39
6.1 Connection Diagrams .................................................. 39
6.2 Physical Diagrams ....................................................... 40
7.
Address Space Maps
................................................. 42
7.1 Overview ...................................................................... 42
7.2 Flash Memory Array..................................................... 42
7.3 ID-CFI Address Space ................................................. 43
7.4 JEDEC JESD216 Serial Flash Discoverable Parameters
(SFDP) Space.............................................................. 43
7.5 OTP Address Space .................................................... 44
7.6 Error Correction Code (ECC)....................................... 45
7.7 Registers...................................................................... 45
8.
Data Protection
........................................................... 62
8.1 Secure Silicon Region (OTP)........................................ 62
8.2 Write Enable Command................................................ 63
8.3 Block Protection............................................................ 63
8.4 Advanced Sector Protection ......................................... 64
8.5 Recommended Protection Process .............................. 70
9.
Commands
.................................................................. 71
9.1 Command Set Summary............................................... 72
9.2 Identification Commands .............................................. 77
9.3 Register Access Commands......................................... 79
9.4 Read Memory Array Commands .................................. 87
9.5 Program Flash Array Commands ................................. 95
9.6 Erase Flash Array Commands...................................... 97
9.7 One Time Program Array Commands ........................ 104
9.8 Advanced Sector Protection Commands.................... 105
9.9 Reset Commands ....................................................... 110
9.10 DPD Commands......................................................... 112
10.
Data Integrity
............................................................. 114
10.1 Erase Endurance ........................................................ 114
10.2 Data Retention............................................................ 114
11.
Embedded Algorithm Performance Tables
............ 115
12.
Software Interface Reference
.................................. 116
12.1 Serial Flash Discoverable Parameters (SFDP) Address
Map............................................................................. 116
12.2 Device ID and Common Flash Interface (ID-CFI) Address
Map............................................................................. 119
12.3 Initial Delivery State .................................................... 133
12.4 FS01GS Behavior and Software Modifications........... 134
13.
Ordering Information
................................................ 137
13.1 Ordering Part Number................................................. 137
14.
Revision History
........................................................ 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com