Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor S70FS01GS Datasheet HTML 47Page - Cypress Semiconductor S70FS01GS Datasheet HTML 48Page - Cypress Semiconductor S70FS01GS Datasheet HTML 49Page - Cypress Semiconductor S70FS01GS Datasheet HTML 50Page - Cypress Semiconductor S70FS01GS Datasheet HTML 51Page - Cypress Semiconductor S70FS01GS Datasheet HTML 52Page - Cypress Semiconductor S70FS01GS Datasheet HTML 53Page - Cypress Semiconductor S70FS01GS Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 50 of 141
7.7.3
Configuration Register 1
Configuration register 1 controls certain interface and data protection functions. The register bits can be changed using the WRAR
command.
7.7.3.1
Configuration Register 1 Non-volatile (CR1NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Top or Bottom Protection (TBPROT_O) CR1NV[5]:
This bit defines the operation of the Block Protection bits BP2, BP1, and BP0
in the Status Register. As described in the status register section, the BP2-0 bits allow the user to optionally protect a portion of the
array, ranging from 1/64, ¼, ½, etc., up to the entire array. When TBPROT_O is set to a “0” the Block Protection is defined to start
from the top (maximum address) of the array. When TBPROT_O is set to a “1” the Block Protection is defined to start from the
bottom (zero address) of the array. The TBPROT_O bit is OTP and set to a “0” when shipped from Cypress. If TBPROT_O is
programmed to 1, writing the bit with a zero does not change the value or set the Program Error bit (P_ERR in SR1V[6]).
The desired state of TBPROT_O must be selected during the initial configuration of the device during system manufacture; before
the first program or erase operation on the main Flash array. TBPROT_O must not be programmed after programming or erasing is
done in the main Flash array.
When Read Password Mode is active, TBPROT_O also selects the boot address range that is readable after power on reset. When
TBPROT_O is cleared to a “0” the bottom (zero address) 256 KB of the array is readable. When TBPROT_O is set to a “1” the top
(maximum address) 256 KB of the array is readable.
CR1NV[4]:
Reserved for Future Use
Block Protection Non-Volatile (BPNV_O) CR1NV[3]
: The BPNV_O bit defines whether the BP_NV 2-0 bits or the BP 2-0 bits in
the Status Register are selected to control the Block Protection feature. The BPNV_O bit is OTP and cleared to a “0” with the BP_NV
bits cleared to “000” when shipped from Cypress. When BPNV_O is set to a “0” the BP_NV 2-0 bits in the Status Register are
selected to control the block protection and are written by the WRR command. The time required to write the BP_NV bits is tW.
When BPNV is set to a “1” the BP2-0 bits in the Status Register are selected to control the block protection and the BP_NV 2-0 bits
will be programmed to binary “111”. This will cause the BP 2-0 bits to be set to binary 111 after POR, hardware reset, or command
reset. When BPNV is set to a 1, the WRR command writes only the volatile version of the BP bits (SR1V[4:2]). The non-volatile
version of the BP bits (SR1NV[4:2]) are no longer affected by the WRR command. This allows the BP bits to be written an unlimited
number of times because they are volatile and the time to write the volatile BP bits is the much faster tCS volatile register write time.
If BPNV_O is programmed to 1, writing the bit with a zero does not change the value or set the Program Error bit (P_ERR in
SR1V[6]).
Table 7.8
Configuration Register 1 Non-volatile (CR1NV)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved for Future Use
Non-volatile
0
Reserved
6
RFU
0
5
TBPROT_O
Configures Start of Block
Protection
and selects readable boot
sector in Read Password
Mode
OTP
0
1 = BP starts at bottom (Low address)
0 = BP starts at top (High address)
4
RFU
Reserved for Future Use
OTP
0
Reserved for Future Use
3
BPNV_O
Configures BP2-0 in
Status Register
OTP
0
1 = Volatile
0 = Non-Volatile
2
TBPARM_O
Configures Parameter
Sectors location
OTP
0
1 = 4 KB physical sectors at top, (high address)
0 = 4 KB physical sectors at bottom (Low address)
RFU in uniform sector configuration.
1
QUAD_NV
Quad Non-Volatile
Non-Volatile
0
Provides the default state for the QUAD bit.
0
FREEZE_D
FREEZE Default
Non-Volatile
Read Only
0
Provides the default state for the Freeze bit. Not user programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com