Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 45Page - Cypress Semiconductor S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor S70FS01GS Datasheet HTML 47Page - Cypress Semiconductor S70FS01GS Datasheet HTML 48Page - Cypress Semiconductor S70FS01GS Datasheet HTML 49Page - Cypress Semiconductor S70FS01GS Datasheet HTML 50Page - Cypress Semiconductor S70FS01GS Datasheet HTML 51Page - Cypress Semiconductor S70FS01GS Datasheet HTML 52Page - Cypress Semiconductor S70FS01GS Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 49 of 141
Write In Progress (WIP) SR1V[0]
: Indicates whether the device is performing a program, write, erase operation, or any other
operation, during which a new operation command will be ignored. When the bit is set to a “1” the device is busy performing an
operation. While WIP is “1”, only Read Status (RDSR1 or RDSR2), Read Any Register (RDAR), Erase Suspend (ERSP), Program
Suspend (PGSP), Clear Status Register (CLSR), and Software Reset (RESET) commands are accepted. ERSP and PGSP will only
be accepted if memory array erase or program operations are in progress. The status register E_ERR and P_ERR bits are updated
while WIP =1. When P_ERR or E_ERR bits are set to one, the WIP bit will remain set to one indicating the device remains busy and
unable to receive new operation commands. A Clear Status Register (CLSR) command must be received to return the device to
standby mode. When the WIP bit is cleared to 0 no operation is in progress. This is a read-only bit.
7.7.2
Status Register 2 Volatile (SR2V)
Related Commands: Read Any Register (RDAR 65h). Status Register 2 does not have user programmable non-volatile bits, all
defined bits are volatile read only status. The default state of these bits are set by hardware.
Erase Status (ESTAT) SR2V[2]:
The Erase Status bit indicates whether the sector, selected by an immediately preceding Erase
status command, completed the last erase command on that sector. The Erase Status command must be issued immediately before
reading SR2V to get valid erase status. Reading SR2V during a program or erase suspend does not provide valid erase status. The
erase status bit can be used by system software to detect any sector that failed its last erase operation. This can be used to detect
erase operations failed due to loss of power during the erase operation.
Erase Suspend (ES) SR2V[1]
: The Erase Suspend bit is used to determine when the device is in Erase Suspend mode. This is a
status bit that cannot be written by the user. When Erase Suspend bit is set to “1”, the device is in erase suspend mode. When Erase
Suspend bit is cleared to “0”, the device is not in erase suspend mode. Refer to Section 9.6.6 Erase or Program Suspend (EPS 85h,
75h) on page 101 for details about the Erase Suspend/Resume commands.
Program Suspend (PS) SR2V[0]:
The Program Suspend bit is used to determine when the device is in Program Suspend mode.
This is a status bit that cannot be written by the user. When Program Suspend bit is set to “1”, the device is in program suspend
mode. When the Program Suspend bit is cleared to “0”, the device is not in program suspend mode. Refer to Section 9.6.6 Erase or
Program Suspend (EPS 85h, 75h) on page 101 for details.
Table 7.7
Status Register-2 Volatile (SR2V)
Bits
Field Name
Function
Type
Default State
Description
7
RFU
Reserved
0
Reserved for Future Use
6
RFU
Reserved
0
Reserved for Future Use
5
RFU
Reserved
0
Reserved for Future Use
4
RFU
Reserved
0
Reserved for Future Use
3
RFU
Reserved
0
Reserved for Future Use
2
ESTAT
Erase Status
Volatile
Read Only
0
1 = Sector Erase Status command result = Erase
Completed
0 = Sector Erase Status command result = Erase Not
Completed
1
ES
Erase Suspend
Volatile
Read Only
0
1 = In erase suspend mode.
0 = Not in erase suspend mode.
0
PS
Program Suspend
Volatile
Read Only
0
1 = In program suspend mode.
0 = Not in program suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com