Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 17Page - Cypress Semiconductor S70FS01GS Datasheet HTML 18Page - Cypress Semiconductor S70FS01GS Datasheet HTML 19Page - Cypress Semiconductor S70FS01GS Datasheet HTML 20Page - Cypress Semiconductor S70FS01GS Datasheet HTML 21Page - Cypress Semiconductor S70FS01GS Datasheet HTML 22Page - Cypress Semiconductor S70FS01GS Datasheet HTML 23Page - Cypress Semiconductor S70FS01GS Datasheet HTML 24Page - Cypress Semiconductor S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 21 of 141
3.3.14
Quad Input Cycle - Host to Memory Transfer
The Quad I/O Read command transfers four address or mode bits to the memory in each cycle. In QPI mode the Quad I/O Read and
Page Program commands transfer four data bits to the memory in each cycle, including the instruction cycles. The host keeps CS#
low, and drives the IO signals.
For Quad I/O Read the next interface state following the delivery of address and mode bits is a Quad Latency Cycle if there are
latency cycles needed or Quad Output Cycle if no latency is required. For QPI mode Page Program, the host returns CS# high
following the delivery of data to be programmed and the interface returns to standby state.
3.3.15
Quad Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main Flash memory array before
transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register (CR2V[3:0]).
During the latency cycles, the host keeps CS# low. The host may drive the IO signals during these cycles or the host may leave the
IO floating. The memory does not use any data driven on IO during the latency cycles. The host must stop driving the IO signals on
the falling edge at the end of the last latency cycle. It is recommended that the host stop driving them during all latency cycles so that
there is sufficient time for the host drivers to turn off before the memory begins to drive at the end of the latency cycles. This prevents
driver conflict between host and memory when the signal direction changes. The memory does not drive the IO signals during the
latency cycles.
The next interface state following the last latency cycle is a Quad Output Cycle.
3.3.16
Quad Output Cycle - Memory to Host Transfer
The Quad I/O Read returns data to the host four bits in each cycle. The host keeps CS# low. The memory drives data on IO0-IO3
signals during the Quad output cycles.
The next interface state continues to be Quad Output Cycle until the host returns CS# to high ending the command.
3.3.17
DDR Quad Input Cycle - Host to Memory Transfer
The DDR Quad I/O Read command sends address, and mode bits to the memory on all the IO signals. Four bits are transferred on
the rising edge of SCK and four bits on the falling edge in each cycle. The host keeps CS# low.
The next interface state following the delivery of address and mode bits is a DDR Latency Cycle.
3.3.18
DDR Latency Cycle
DDR Read commands may have one to several latency cycles during which read data is read from the main Flash memory array
before transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register
(CR2V[3:0]). During the latency cycles, the host keeps CS# low. The host may not drive the IO signals during these cycles. So that
there is sufficient time for the host drivers to turn off before the memory begins to drive. This prevents driver conflict between host
and memory when the signal direction changes. The memory has an option to drive all the IO signals with a Data Learning Pattern
(DLP) during the last 4 latency cycles. The DLP option should not be enabled when there are fewer than five latency cycles so that
there is at least one cycle of high impedance for turn around of the IO signals before the memory begins driving the DLP. When
there are more than 4 cycles of latency the memory does not drive the IO signals until the last four cycles of latency.
The next interface state following the last latency cycle is a DDR Single, or Quad Output Cycle, depending on the instruction.
3.3.19
DDR Quad Output Cycle - Memory to Host Transfer
The DDR Quad I/O Read command returns bits to the host on all the IO signals. Four bits are transferred on the rising edge of SCK
and four bits on the falling edge in each cycle. The host keeps CS# low.
The next interface state continues to be DDR Quad Output Cycle until the host returns CS# to high ending the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com