Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor S70FS01GS Datasheet HTML 10Page - Cypress Semiconductor S70FS01GS Datasheet HTML 11Page - Cypress Semiconductor S70FS01GS Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 8 of 141
Hardware Interface
Serial Peripheral Interface with Multiple Input / Output (SPI-MIO)
Many memory devices connect to their host system with separate parallel control, address, and data signals that require a large
number of signal connections and larger package size. The large number of connections increase power consumption due to so
many signals switching and the larger package increases cost.
The FS-S Family reduces the number of signals for connection to the host system by serially transferring all control, address, and
data information over 4 to 6 signals. This reduces the cost of the memory package, reduces signal switching power, and either
reduces the host connection count or frees host connectors for use in providing other features.
The FS-S Family uses the industry standard single bit Serial Peripheral Interface (SPI) and also supports optional extension
commands for two bit (Dual) and four bit (Quad) wide serial transfers. This multiple width interface is called SPI Multi-I/O or SPI-MIO.
2.
Signal Descriptions
2.1
Input/Output Summary
Table 2.1
Signal List
Signal Name
Type
Description
SCK
Input
Serial Clock
CS#
Input
Chip Select
SI / IO0
I/O
Serial Input
for single bit data commands or IO0 for Dual or Quad commands.
SO / IO1
I/O
Serial Output
for single bit data commands. IO1 for Dual or Quad commands.
WP# / IO2
I/O
Write Protect
when not in Quad mode (CR1V[1] = 0 and SR1NV[7] = 1).
IO2
when in Quad mode (CR1V[1] = 1).
The signal has an internal pull-up resistor and may be left unconnected in the host system if not used for
Quad commands or write protection. If write protection is enabled by SR1NV[7] = 1 and CR1V[1] = 0, the
host system is required to drive WP# high or low during a WRR or WRAR command.
IO3 / RESET#
I/O
IO3
in Quad-I/O mode, when Configuration Register-1 QUAD bit, CR1V[1] =1, and CS# is low.
RESET#
when enabled by CR2V[5]=1 and not in Quad-I/O mode, CR1V[1] = 0, or when enabled in quad
mode, CR1V[1] = 1 and CS# is high.
The signal has an internal pull-up resistor and may be left unconnected in the host system if not used for
Quad commands or RESET#.
VDD
Supply
Power Supply.
VSS
Supply
Ground.
NC
Unused
Not Connected.
No device internal signal is connected to the package connector nor is there any future plan
to use the connector for a signal. The connection may safely be used for routing space for a signal on a
Printed Circuit Board (PCB). However, any signal connected to an NC must not have voltage levels higher
than VDD.
RFU
Reserved
Reserved for Future Use.
No device internal signal is currently connected to the package connector but
there is potential future use of the connector for a signal. It is recommended to not use RFU connectors for
PCB routing channels so that the PCB may take advantage of future enhanced features in compatible
footprint devices.
DNU
Reserved
Do Not Use.
A device internal signal may be connected to the package connector. The connection may be
used by Cypress for test or other purposes and is not intended for connection to any host system signal. Any
DNU signal related function will be inactive when the signal is at VIL. The signal has an internal pull-down
resistor and may be left unconnected in the host system or may be tied to VSS. Do not use these connections
for PCB signal routing channels. Do not connect any host system signal to this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com