Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 75 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 75 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor S70FS01GS Datasheet HTML 76Page - Cypress Semiconductor S70FS01GS Datasheet HTML 77Page - Cypress Semiconductor S70FS01GS Datasheet HTML 78Page - Cypress Semiconductor S70FS01GS Datasheet HTML 79Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 75 of 141
Notes
1. Commands not supported in QPI mode have undefined behavior if sent when the device is in QPI mode.
2. The FS01GS does not support some commands and adds some commands. For additional information see Section 12.4 FS01GS Behavior and Software
Modifications on page 134.
9.1.4
Read Device Identification
There are multiple commands to read information about the device manufacturer, device type, and device features. SPI memories
from different vendors have used different commands and formats for reading information about the memories. The FS-S Family
supports the three device information commands.
9.1.5
Register Read or Write
There are multiple registers for reporting embedded operation status or controlling device configuration options. There are
commands for reading or writing these registers. Registers contain both volatile and non-volatile bits. Non-volatile bits in registers
are automatically erased and programmed as a single (write) operation.
9.1.5.1
Monitoring Operation Status
The host system can determine when a write, program, erase, suspend or other embedded operation is complete by monitoring the
Write in Progress (WIP) bit in the Status Register. The Read from Status Register-1 command or Read Any Register command
provides the state of the WIP bit. The program error (P_ERR) and erase error (E_ERR) bits in the status register indicate whether
the most recent program or erase command has not completed successfully. When P_ERR or E_ERR bits are set to one, the WIP
bit will remain set to one indicating the device remains busy and unable to receive most new operation commands. Only Read Any
Register (RDAR 65h), status clear (CLSR 30h or 82h), and software reset (RSTEN 66h, RST 99h or RESET F0h) are valid
commands when P_ERR or E_ERR is set to 1. A Clear Status Register (CLSR) followed by a Write Disable (WRDI) command must
be sent to return the device to standby state. Clear Status Register clears the WIP, P_ERR, and E_ERR bits. WRDI clears the WEL
bit. Alternatively, Hardware Reset, or Software Reset (RST or RESET) may be used to return the device to standby state.
Advanced
Sector
Protection
DYBRD
DYB Read
FA
133
3 or 4
Yes
4DYBRD
DYB Read
E0
133
4
Yes
DYBWR
DYB Write
FB
133
3 or 4
Yes
4DYBWR
DYB Write
E1
133
4
Yes
PPBRD
PPB Read
FC
133
3 or 4
No
4PPBRD
PPB Read
E2
133
4
No
PPBP
PPB Program
FD
133
3 or 4
No
4PPBP
PPB Program
E3
133
4
No
PPBEA
PBB Erase Addressed
EA
133
4
No
ASPRD
ASP Read
2B
133
0
No
PLBRD
PPB Lock Bit Read
A7
133
0
No
PLBWR
PPB Lock Bit Write
A6
133
0
No
PASSRD
Password Read
E7
133
0
No
PASSU
Password Unlock
E9
133
0
No
Reset
RSTEN
Software Reset Enable
66
133
0
Yes
RST
Software Reset
99
133
0
Yes
RESET
Legacy Software Reset
F0
133
0
No
MBR
Mode Bit Reset
FF
133
0
Yes
DPD
DPD
Enter Deep Power Down Mode
B9
133
0
Yes
RES
Release from Deep Power Down Mode
AB
133
0
Yes
Table 9.1
FS-S Family Command Set (sorted by function) (Continued)
Function
Command Name
Command Description
instruction
Value (Hex)
Maximum
Frequency
(MHz)
Address
Length
(Bytes)
QPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com