Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 4 Page - Cypress Semiconductor

  S70FS01GS Datasheet HTML 1Page - Cypress Semiconductor S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 4 of 141
Notes:
Only 128Mb/256Mb density FL-S devices have 4KB parameter sector option.
512Mb/1Gb FL-S devices support 256KB sector only.
Refer to individual data sheets for further details.
1.2.2
Known Differences from Prior Generations
1.2.2.1
Error Reporting
The FS-S and FL-S families have error reporting status bits for program and erase operations. These can be set when there is an
internal failure to program or erase, or when there is an attempt to program or erase a protected sector. In these cases the program
or erase operation did not complete as requested by the command. The P_ERR or E_ERR bits and the WIP bit will be set to and
remain 1 in SR1V. The clear status register command must be sent to clear the errors and return the device to standby state.
1.2.2.2
Secure Silicon Region (OTP)
The FS-S size and format (address map) of the One Time Program area is different from FL-K and FL-P generations. The method
for protecting each portion of the OTP area is different. For additional details see Secure Silicon Region (OTP) on page 62.
1.2.2.3
Configuration Register Freeze Bit
The configuration register-1 Freeze Bit CR1V[0], locks the state of the Block Protection bits (SR1NV[4:2] & SR1V[4:2]), TBPARM_O
bit (CR1NV[2]), and TBPROT_O bit (CR1NV[5]), as in prior generations. In the FS-S and FL-S families the Freeze Bit also locks the
state of the configuration register-1 BPNV_O bit (CR1NV[3]), and the Secure Silicon Region (OTP) area.
1.2.2.4
Sector Erase Commands
The command for erasing a 4KBytes sector is supported only for use on 4KBytes parameter sectors at the top or bottom of the FS-
S device address space.
The command for erasing an 8KByte area (two 4KBytes sectors) is not supported.
The command for erasing a 32KByte area (eight 4KBytes sectors) is not supported.
1.2.2.5
Deep Power Down
A Deep Power Down (DPD) function is supported in the FS-S family devices.
1.2.2.6
WRR Single Register Write
In some legacy SPI devices, a Write Registers (WRR) command with only one data byte would update Status Register 1 and clear
some bits in Configuration Register 1, including the Quad mode bit. This could result in unintended exit from Quad mode. The FS-S
Family only updates Status Register 1 when a single data byte is provided. The Configuration Register 1 is not modified in this case.
1.2.2.7
Hold Input Not Supported
In some legacy SPI devices, the IO3 input has an alternate function as a HOLD# input used to pause information transfer without
stopping the serial clock. This function is not supported in the FS-S family.
Advanced Sector Protection
Yes
Yes
Auto Boot Mode
No
Yes
Erase Suspend/Resume
Yes
Yes
Program Suspend/Resume
Yes
Yes
Operating Temperature
-40°C to +85°C / +105°C / +125°C
-40°C to +85°C / +105°C
Table 1.1
Cypress SPI Families Comparison (Continued)
Parameter
FS-S
FL-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com