Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FS01GS Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 24Page - Cypress Semiconductor S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor S70FS01GS Datasheet HTML 26Page - Cypress Semiconductor S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor S70FS01GS Datasheet HTML 29Page - Cypress Semiconductor S70FS01GS Datasheet HTML 30Page - Cypress Semiconductor S70FS01GS Datasheet HTML 31Page - Cypress Semiconductor S70FS01GS Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 28 of 141
4.5.3
Extended
Applicable within operating
40 °C to +125 °C range.
Notes:
1. Typical values are at TAI = 25°C and VDD = 1.8V.
2. Outputs unconnected during read data return. Output switching current is not included.
4.5.4
Active Power and Standby Power Modes
The device is enabled and in the Active Power mode when Chip Select (CS#) is Low. When CS# is high, the device is disabled, but
may still be in an Active Power mode until all program, erase, and write operations have completed. The device then goes into the
Standby Power mode, and power consumption drops to ISB.
A Deep Power Down (DPD) mode is supported by the FS-S Family devices. If the device has been placed in DPD mode by the DPD
(B9h) command, the interface standby current is (IDPD). The DPD command is accepted only while the device is not performing an
embedded algorithm as indicated by the Status Register-1 volatile Write In Progress (WIP) bit being cleared to zero (SR1V[0] = 0).
While in DPD mode the device ignores all commands except the Release from DPD (RES ABh) command, that will return the device
to the Interface Standby state after a delay of tRES.
Table 4.5
DC Characteristics — Extended
Symbol
Parameter
Test Conditions
Min
Typ
(1)
Max
Unit
VIL
Input Low Voltage
0.5
0.3
 VDD
V
VIH
Input High Voltage
0.7
 VDD
VDD+0.4
V
VOL
Output Low Voltage
IOL = 0.1 mA
0.2
V
VOH
Output High Voltage
IOH = –0.1 mA
VDD - 0.2
V
ILI
Input Leakage Current
VDD=VDD Max, VIN=VIH or VSS, CS# = VIH
±8
µA
ILO
Output Leakage Current
VDD=VDD Max, VIN=VIH or VSS, CS# = VIH
±8
µA
ICC1
Active Power Supply
Current (READ) (2)
Serial SDR@50 MHz
Serial SDR@133 MHz
Quad SDR@133 MHz
Quad DDR@80 MHz
18
25
60
70
25
50
65
90
mA
ICC2
Active Power Supply
Current (Page Program)
CS#=VDD
60
100
mA
ICC3
Active Power Supply
Current (WRR or WRAR)
CS#=VDD
60
100
mA
ICC4
Active Power Supply
Current (SE)
CS#=VDD
60
100
mA
ICC5
Active Power Supply
Current (BE)
CS#=VDD
60
100
mA
ISB (Industrial Plus)
Standby Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS,
Industrial Plus Temp
140
600
µA
IDPD
Deep Power Down Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS,
Industrial Temp
16
500
µA
IPOR
Power On Reset Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS
160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com