Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 4Page - ATMEL Corporation PC7447 Datasheet HTML 5Page - ATMEL Corporation PC7447 Datasheet HTML 6Page - ATMEL Corporation PC7447 Datasheet HTML 7Page - ATMEL Corporation PC7447 Datasheet HTML 8Page - ATMEL Corporation PC7447 Datasheet HTML 9Page - ATMEL Corporation PC7447 Datasheet HTML 10Page - ATMEL Corporation PC7447 Datasheet HTML 11Page - ATMEL Corporation PC7447 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
PC7457/47 [Preliminary]
5345B–HIREL–02/04
–
Separate instruction and data translation lookaside buffers (TLBs)
Both
TLBs
are
128-entry,
two-way
set-associative,
and
use
LRU
replacement algorithm
TLBs are hardware- or software-reloadable (that is, on a TLB miss a page
table search is performed in hardware or by system software)
•
Efficient data flow
–
Although the VR/LSU interface is 128 bits, the L1/L2/L3 bus interface allows
up to 256 bits
–
The L1 data cache is fully pipelined to provide 128 bits/cycle to or from the
VRs
–
L2 cache is fully pipelined to provide 256 bits per processor clock cycle to
the L1 cache
–
As many as eight outstanding, out-of-order, cache misses are allowed
between the L1 data cache and L2/L3 bus
–
As many as 16 out-of-order transactions can be present on the MPX bus
–
Store merging for multiple store misses to the same line. Only coherency
action taken (address-only) for store misses merged to all 32 bytes of a
cache block (no data tenure needed)
–
Three-entry finished store queue and five-entry completed store queue
between the LSU and the L1 data cache
–
Separate additional queues for efficient buffering of outbound data (such as
castouts and write-through stores) from the L1 data cache and L2 cache
•
Multiprocessing support features include the following:
–
Hardware-enforced, MESI cache coherency protocols for data cache
–
Load/store with reservation instruction pair for atomic memory references,
semaphores, and other multiprocessor operations
•
Power and thermal management
–
1.6V processor core
–
The following three power-saving modes are available to the system:
Nap—Instruction fetching is halted. Only those clocks for the time base,
decrementer, and JTAG logic remain running. The part goes into the doze
state to snoop memory operations on the bus and then back to nap using a
QREQ/QACK processor-system handshake protocol
Sleep—Power consumption is further reduced by disabling bus snooping,
leaving only the PLL in a locked and running state. All internal functional
units are disabled
Deep sleep— When the part is in the sleep state, the system can disable the
PLL. The system can then disable the SYSCLK source for greater system
power savings. Power-on reset procedures for restarting and relocking the
PLL must be followed on exiting the deep sleep state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com