Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 51Page - ATMEL Corporation PC7447 Datasheet HTML 52Page - ATMEL Corporation PC7447 Datasheet HTML 53Page - ATMEL Corporation PC7447 Datasheet HTML 54Page - ATMEL Corporation PC7447 Datasheet HTML 55Page - ATMEL Corporation PC7447 Datasheet HTML 56Page - ATMEL Corporation PC7447 Datasheet HTML 57Page - ATMEL Corporation PC7447 Datasheet HTML 58Page - ATMEL Corporation PC7447 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
55
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Connection
Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an
appropriate signal level. Unused active low inputs should be tied to OV
DD. Unused
active high inputs should be connected to GND. All NC (no-connect) signals must
remain unconnected. Power and ground connections must be made to all external V
DD,
OV
DD, GVDD, and GND pins in the PC7457. If the L3 interface is not used, GVDD should
be connected to the OV
DD power plane, and L3VSEL should be connected to BVSEL;
the remainder of the L3 interface may be left unterminated.
Output Buffer DC
Impedance
The PC7457 processor bus and L3 I/O drivers are characterized over process, voltage,
and temperature.
To measure Z0, an external resistor is connected from the chip pad to OV
DD or GND.
Then, the value of each resistor is varied until the pad voltage is OV
DD/2 (see Figure 30
on page 50).
The output impedance is the average of two components, the resistances of the pull-up
and pull-down devices. When data is held low, SW2 is closed (SW1 is open), and RN is
trimmed until the voltage at the pad equals OV
DD/2. RN then becomes the resistance of
the pull-down devices. When data is held high, SW1 is closed (SW2 is open), and RP is
trimmed until the voltage at the pad equals OV
DD/2. RP then becomes the resistance of
the pull-up devices. RP and RN are designed to be close to each other in value. Then,
Z0 = (RP + RN)/2.
Figure 32. Driver Impedance Measurement
Table 20 summarizes the signal impedance results. The impedance increases with junc-
tion temperature and is relatively unaffected by bus voltage.
Table 20. Impedance Characteristics with V
DD = 1.5V, OVDD = 1.8V ±5%, Tj = 5° - 85°C
Impedance
Processor bus
L3 Bus
Unit
Z
0
Typical
33 – 42
34 – 42
Ω
Maximum
31 – 51
32 – 44
Ω
OVDD
OGND
SW2
SW1
RN
RP
Pad
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com