Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation PC7447 Datasheet HTML 19Page - ATMEL Corporation PC7447 Datasheet HTML 20Page - ATMEL Corporation PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation PC7447 Datasheet HTML 24Page - ATMEL Corporation PC7447 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the resulting SYSCLK (bus) fre-
quency, CPU (core) frequency and PLL (VCO) frequency don’t exceed their respective maximum or minimum operating
frequencies. Refer to the PLL_CFG[0:4] signal description in “PLL Configuration” on page 51 for valid PLL_CFG[0:4]
settings
2. Assumes lightly-loaded, single-processor system.
3. Rise and fall times for the SYSCLK input measured from 0.4V to 1.4V.
4. Timing is guaranteed by design and characterization.
5. This represents total input jitter, short-term and long-term combined, and is guaranteed by design.
6. The SYSCLK driver’s closed loop jitter bandwidth should be <500 kHz at -20 dB. The bandwidth must be set low to allow
cascade connected PLL-based devices to track SYSCLK drivers with the specified jitter.
7. Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for
PLL lock after a stable VDD and SYSCLK are reached during the power-on reset sequence. This specification also applies
when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held
asserted for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
Figure 8 provides the SYSCLK input timing diagram.
Figure 8. SYSCLK Input Timing Diagram
VM = Midpoint Voltage (OV
DD/2)
SYSCLK
VM
VM
VM
tKHKL
tSYSCLK
CVIL
CVIH
tKR
tKF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com