Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation PC7447 Datasheet HTML 19Page - ATMEL Corporation PC7447 Datasheet HTML 20Page - ATMEL Corporation PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation PC7447 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
20
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Dynamic Characteristics
This section provides the AC electrical characteristics for the PC7457. After fabrication,
functional parts are sorted by maximum processor core frequency as shown in section
“Clock AC Specifications” and tested for conformance to the AC specifications for that
frequency. The processor core frequency is determined by the bus (SYSCLK) frequency
and the settings of the PLL_CFG[0:4] signals. Parts are sold by maximum processor
core frequency; See “Ordering Information” on page 59.
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 8 and repre-
sents the tested operating frequencies of the devices. The maximum system bus
frequency, f
SYSCLK, given in Table 8 is considered a practical maximum in a typical sin-
gle-processor system. The actual maximum SYSCLK frequency for any application of
the PC7457 will be a function of the AC timings of the PC7457, the AC timings for the
system controller, bus loading, printed-circuit board topology, trace lengths, and so
forth, and may be less than the value given in
Table 8.
Table 8. Clock AC Timing Specifications (See Table 3 on page 12 for Recommended Operating Conditions)
Symbol
Characteristic
Maximum Processor Core Frequency
Unit
600 MHz
867 MHz
1000 MHz
V
DD = 1.1V
V
DD = 1.1V
V
DD = 1.1V
Min
Max
Min
Max
Min
Max
f
CORE
(1)
Processor frequency
500
600
500
867
500
1000
MHz
fVCO
(1)
VCO frequency
1000
1200
1000
1733
1000
2000
MHz
fSYSCLK
(1)(2)
SYSCLK frequency
33
167
33
167
33
167
MHz
t
SYSCLK
(2)
SYSCLK cycle time
6
30
6
30
6
30
ns
tKR, tKF
(3)
SYSCLK rise and fall time
–
1
–
1
–
1
ns
tKHKL/tSYSCLK
(4)
SYSCLK duty cycle measured at OVDD/2
40
60
40
60
–
–
%
SYSCLK jitter(5)(6)
–
±150
–
±150
–
–
ps
Internal PLL relock time(7)
–100–100
–
–
µs
Symbol
Characteristic
Maximum Processor Core Frequency
Unit
867 MHz
1000 MHz
1200 MHz
1267 MHz
V
DD = 1.3V
V
DD = 1.3V
V
DD = 1.3V
V
DD = 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
f
CORE
(1)
Processor frequency
600
867
600
1000
600
1200
600
1267
MHz
f
VCO
(1)
VCO frequency
1200
1733
1200
2000
1200
2400
1200
2534
MHz
fSYSCLK
(1)(2)
SYSCLK frequency
33
167
33
167
33
167
33
167
MHz
t
SYSCLK
(2)
SYSCLK cycle time
6
30
6
30
6
30
6
30
ns
t
KR
, tKF
(3)
SYSCLK rise and fall time
–
1
–
1–1–
1
ns
tKHKL/
t
SYSCLK
(4)
SYSCLK duty cycle measured at OV
DD/2
40
60
40
60
40
60
40
60
%
SYSCLK jitter(5)(6)
–±150–
±150–±150
–
±150
ps
Internal PLL relock time(7)
–
100
–
100
–
100
–
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com