Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 34Page - ATMEL Corporation PC7447 Datasheet HTML 35Page - ATMEL Corporation PC7447 Datasheet HTML 36Page - ATMEL Corporation PC7447 Datasheet HTML 37Page - ATMEL Corporation PC7447 Datasheet HTML 38Page - ATMEL Corporation PC7447 Datasheet HTML 39Page - ATMEL Corporation PC7447 Datasheet HTML 40Page - ATMEL Corporation PC7447 Datasheet HTML 41Page - ATMEL Corporation PC7447 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
38
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Package Mechanical
Data
The following sections provide the package parameters and mechanical dimensions for
the CBGA package.
Package Parameters for
the PC7447, 360 CBGA
The package parameters are as provided in the following list. The package type is
25 × 25 mm, 360-lead ceramic ball grid array (CBGA).
Package outline
25 mm × 25 mm
Interconnects
360 (19 × 19 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.72 mm
Maximum module height
3.24 mm
Ball diameter
0.89 mm (35 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com